Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS77C82 Datasheet(PDF) 34 Page - Texas Instruments

Part # TMS77C82
Description  8-BIT MICROCONTROLLER
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS77C82 Datasheet(HTML) 34 Page - Texas Instruments

Back Button TMS77C82 Datasheet HTML 30Page - Texas Instruments TMS77C82 Datasheet HTML 31Page - Texas Instruments TMS77C82 Datasheet HTML 32Page - Texas Instruments TMS77C82 Datasheet HTML 33Page - Texas Instruments TMS77C82 Datasheet HTML 34Page - Texas Instruments TMS77C82 Datasheet HTML 35Page - Texas Instruments TMS77C82 Datasheet HTML 36Page - Texas Instruments TMS77C82 Datasheet HTML 37Page - Texas Instruments TMS77C82 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 63 page
background image
TMS370CxCx
8-BIT MICROCONTROLLER
SPNS040B – NOVEMBER 1995 – REVISED FEBRUARY 1997
34
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
serial communications interface 2 module (continued)
Bit 2
SCIRXD DATA OUT
This bit contains the data to be output on the SCIRXD pin if the following conditions are met:
D SCIRXD pin has been defined as a general-purpose I/O pin.
D SCIRXD pin data direction has been defined as output.
Bit 3
SCIRXD DATA IN
This bit contains the current value on the SCIRXD pin.
Bit 4
SCITXD DATA DIR (SCITXD data direction)
This bit determines the data direction on the SCITXD pin if SCITXD has been defined as a
general-purpose I/O pin.
0 = SCITXD pin is a general-purpose input pin.
1 = SCITXD pin is a general-purpose output pin.
Bit 5
SCITXD FUNCTION
This bit defines the function of the SCITXD pin.
0 = SCITXD pin is a general-purpose digital I/O pin.
1 = SCITXD pin is the SCI transmit pin.
Bit 6
SCITXD DATA OUT
This bit contains the data to be output on the SCITXD pin if the following conditions are met:
D SCITXD pin has been defined as a general-purpose I/O pin.
D SCITXD pin data direction has been defined as output.
Bit 7
SCITXD DATA IN
This bit contains the current value on the SCITXD pin.
SCI priority control register (SCIPRI)
The SCIPRI register contains the receiver and transmitter interrupt-priority select bits. This register is read-only
during normal operation but can be written to in the privileged mode.
Table 26. SCI Priority Control Register (SCIPRI) [Memory Address – 105Fh]
Bit #
7
6
5
4
3
2
1
0
P05F
SCI STEST
SCITX
PRIORITY
SCIRX
PRIORITY
SCI
ESPEN
—
—
—
—
RP – 0
RP – 0
RP – 0
RP – 0
R = read, P = privilege write only, –
n = value of the bit after the register is reset
Bits 0–3
Reserved (read data is indeterminate)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com