Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA0142 Datasheet(PDF) 21 Page - Texas Instruments

Part # TPA0142
Description  2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA0142 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPA0142 Datasheet HTML 17Page - Texas Instruments TPA0142 Datasheet HTML 18Page - Texas Instruments TPA0142 Datasheet HTML 19Page - Texas Instruments TPA0142 Datasheet HTML 20Page - Texas Instruments TPA0142 Datasheet HTML 21Page - Texas Instruments TPA0142 Datasheet HTML 22Page - Texas Instruments TPA0142 Datasheet HTML 23Page - Texas Instruments TPA0142 Datasheet HTML 24Page - Texas Instruments TPA0142 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
TPA0142
2-W STEREO AUDIO POWER AMPLIFIER
WITH DC VOLUME CONTROL
SLOS248B – JUNE 1999 – REVISED MARCH 2000
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
bridged-tied load versus single-ended mode
Figure 33 shows a Class-AB audio power amplifier (APA) in a BTL configuration. The TPA0142 BTL amplifier
consists of two Class-AB amplifiers driving both ends of the load. There are several potential benefits to this
differential drive configuration but initially consider power to the load. The differential drive to the speaker means
that as one side is slewing up, the other side is slewing down, and vice versa. This in effect doubles the voltage
swing on the load as compared to a ground referenced load. Plugging 2
× VO(PP) into the power equation, where
voltage is squared, yields 4
× the output power from the same supply rail and load impedance (see equation 5).
Power
+
V
(rms)
2
R
L
(5)
V
(rms) +
V
O(PP)
22
RL
2x VO(PP)
VO(PP)
–VO(PP)
VDD
VDD
Figure 33. Bridge-Tied Load Configuration
In a typical computer sound channel operating at 5 V, bridging raises the power into an 8-
Ω speaker from a
singled-ended (SE, ground reference) limit of 250 mW to 1 W. In sound power that is a 6-dB improvement —
which is loudness that can be heard. In addition to increased power there are frequency response concerns.
Consider the single-supply SE configuration shown in Figure 34. A coupling capacitor is required to block the
dc offset voltage from reaching the load. These capacitors can be quite large (approximately 33
µF to 1000 µF)
so they tend to be expensive, heavy, occupy valuable PCB area, and have the additional drawback of limiting
low-frequency performance of the system. This frequency limiting effect is due to the high pass filter network
created with the speaker impedance and the coupling capacitance and is calculated with equation 6.
f
(c) +
1
2
pR
L CC
(6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com