Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM25 Datasheet(PDF) 2 Page - Tumbler Technologies + TRUMPower

Part # TM25
Description  25-28 WATT MEDICAL POWER SUPPLIES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TM25 Datasheet(HTML) 2 Page - Tumbler Technologies + TRUMPower

  TM25 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TM25 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower TM25 Datasheet HTML 3Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MEDICAL GRADE
TM25 SERIES
OUTPUT VOLTAGE/CURRENT RATING CHART
Output #1
Output #2
Output #3
Maximum
Product No.
Vnom.
Imin.
Imax.
Tol.
Vnom.
Imin.
Imax. Tol.
Vnom.
Imin.
Imax.
Tol.
Output Power
TM25-S5.1
5.1V
0A
5.5A
2%
(N/A)
(N/A)
28W
TM25-S12
12V
0A
2.3A
1%
(N/A)
(N/A)
28W
TM25-S15
15V
0A
1.9A
1%
(N/A)
(N/A)
28W
TM25-S24
24V
0A
1.2A
1%
(N/A)
(N/A)
28W
TM25-S28
28V
0A
1.0A
1%
(N/A)
(N/A)
28W
TM25-D23
+5.1V
0.4A
2.5A
3%
+12V
0.2A
1.5A
5%
(N/A)
25W
TM25-D25
+5.1V
0.4A
2.5A
3%
+24V
0.1A
0.8A
5%
(N/A)
25W
TM25-T31
+5.1V
0.4A
2.5A
3%
+12V
0.2A
1.5A
5%
-12V
0.05A
0.2A
4%
25W
TM25-T32
+5.1V
0.4A
2.5A
3%
+15V
0.1A
1.0A
5%
-15V
0.05A
0.2A
4%
25W
TM25-T39
+5.1V
0.4A
2.5A
3%
+24V
0.1A
0.8A
5%
-12V
0.05A
0.2A
4%
25W
MECHANICAL SPECIFICATIONS
Single Output Models
NOTES:
1.
Dimensions shown in inch [mm]
2.
Tolerance 0.03 [0.76] maximum
3.
Input connector mates with Molex housing 09-50-3031 and Molex
2878 series crimp terminal.
4.
Output connector mates with Molex housing 09-50-3041 and
Molex 2878 series crimp terminal.
5.
Weight: 163 grams
Multiple Output Models
NOTES:
1.
Dimensions shown in inch [mm]
2.
Tolerance 0.03 [0.76] maximum
3.
Input connector mates with Molex housing 09-50-3031 and Molex
2878 series crimp terminal.
4.
Output connector mates with Molex housing 09-50-3061 and
Molex 2878 series crimp terminal.
5.
Weight: 175 grams
NOTES:
1.
All multiple output models may be operated at no-load without damage. At no-load, output voltage tolerance
increases to 10%.
2.
Ripple and noise: Peak-to-peak with 20MHz bandwidth and 10µF in parallel with a 0.1µF capacitor at rated line
voltage and load ranges.
3.
Safety agency approvals are for the above listed models in PCB format. Add suffix “B” for L-bracket format, or
suffix “C” for enclosed format, e.g. TM25-T31C.
[24.38]
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Bldg. 13, Santa Clara, California 95054, USA
Phone: 408-988-6616
● Fax: 408-988-6622 ● email: sales@trumpower.com ● Website: www.TRUMPower.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com