Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM41 Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # TM41
Description  30-40 WATT MEDICAL POWER SUPPLIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TM41 Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  TM41 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TM41 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
30-40 WATT MEDICAL POWER SUPPLIES
DES C RI P T I O N
The TM41 series of compact, open PCB constructed,
AC-DC switching power supplies are capable of
delivering 30 to 40 watts of continuous output power.
They operate at 85 to 264VAC input voltage without
the need of voltage selection. They are ideally suited
for use in medical equipments, safety systems and
monitoring equipments.
FE AT URES
‧ Lo w safet y g r ound leaka ge curr ent
‧ 100 % b u rn-in
‧ 85 to 264 VA C w i de input range
‧ Input surge current p r otection
‧ Ov er v o l tage protection
‧ O v ercurrent protection
‧ Open PCB c onstruction
‧ Compliant w i th RoHS req u irements
Saf e t y Sta n da rd A ppr o va l s :
I N PU T S P E C IF IC AT ION S
Input v o lt ag e :
Input freque nc y :
Input curren t :
Earth l eakag e curr ent :
OUTPUT SPECIFICATIONS
Output voltage/current:
See rating chart
Total output power:
See rating chart
Ripple and noise:
1% peak to peak max.
Over voltage protection:
Provided on output; set at
112 – 132% of its nominal
output voltage
Over current protection:
The output protected to short
circuit conditions
Temperature coefficient:
All outputs ±0.04%/ºC
i
Transient response:
Maximum excursion of 4% or
better on all models,
recovering to 1% of final value
within 500µs after a 25% step
load change
ENVI RONME N TA L S PECI F I C AT IONS
Operating temperature:
0ºC to +70ºC
Storage temperature:
-40ºC to +85ºC
Relative humidity:
5% to 95% non-condensing
Derating:
Derate from 100% at +50ºC
linearly to 50% at +70ºC
GENERAL SPECIFICATIONS
Switching frequency: 42KHz ±5KHz
Efficiency:
70% minimum on single output
model with Vo
≥ 12V, 68%
minimum on the others
Hold-up time:
20 msec minimum at 110VAC
Line regulation:
±0.5% maximum at full load
Inrush current:
12 amps @ 115VAC or 24 amps
@ 230VAC, at 25ºC cold start
Withstand voltage:
4000VAC from input to output
1500VAC from input to ground
500VAC from output to ground
MTBF:
600,000 hours minimum at full load
at 25ºC ambient, calculated per
MIL-HDBK- 217F
EMC Performance (EN60601-1-2: 2001)
EN550 11 :
Class B conducted, Class B radiated
FCC:
Class B conducted, Class B radiated
VCCI:
Class B conducted, Class B radiated
EN61000-3- 2 :
Harmonic distortion, Class A and D
EN61000-3- 3 :
Line flicker
EN61000-4- 2 :
ESD, ±8KV air and ±6KV contact
EN61000-4- 3 :
Radiated immunity, 3V/m for 80-2500MHz
EN61000-4- 4 :
Fast transient/burst, ±2KV
EN61000-4- 5 :
Surge, ±1KV diff, ±2KV com.
EN61000-4- 6 :
Conducted immunity, 3Vrms
EN61000-4- 8 :
Magnetic field immunity, 3A/m
EN61000-4- 11 :
Voltage dips, 30% reduction for 500ms,
60% reduction for 100ms and >95%
reduction for 10ms
UL 2601-1
CSA C22.2 No. 601.1
TÜV EN60601-1
(LVD)
TM41 SERIES
85 to 264VAC
110 to 280V D C
47 to 63H z
1.1A ( rm s ) f o r 115VAC
0.6A ( rm s ) f o r 230VAC
90µA max. @ 115VAC , 60 Hz
150µA m a x. @ 230VAC, 5 0 Hz
RoHS
TRUMPower
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Bldg. 13, Santa Clara, California 95054, USA
Phone: 408-988-6616
● Fax: 408-988-6622 ● email: sales@trumpower.com ● Website: www.TRUMPower.com


Similar Part No. - TM41

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM4100EAD9 TI1-TM4100EAD9 Datasheet
113Kb / 9P
4194304 BY 9-BIT DYNAMIC RAM MODULE
TM4100EAD9-60 TI1-TM4100EAD9-60 Datasheet
113Kb / 9P
4194304 BY 9-BIT DYNAMIC RAM MODULE
TM4100EAD9-70 TI1-TM4100EAD9-70 Datasheet
113Kb / 9P
4194304 BY 9-BIT DYNAMIC RAM MODULE
TM4100GAD8 TI-TM4100GAD8 Datasheet
93Kb / 7P
4194304 BY 8-BIT DRAM MODULE
TM4100GAD8-60 TI-TM4100GAD8-60 Datasheet
93Kb / 7P
4194304 BY 8-BIT DRAM MODULE
More results

Similar Description - TM41

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
MMK40S ASTRODYNE-MMK40S Datasheet
695Kb / 3P
Medical Grade 40 Watt Enclosed Switching Power Supplies
logo
Tumbler Technologies + ...
PM40AL TRUMPOWER-PM40AL Datasheet
211Kb / 2P
40 WATT MEDICAL POWER SUPPLIES
PM65 TRUMPOWER-PM65 Datasheet
220Kb / 2P
65 WATT MEDICAL POWER SUPPLIES
TM66 TRUMPOWER-TM66 Datasheet
244Kb / 2P
65 WATT MEDICAL POWER SUPPLIES
TM110 TRUMPOWER-TM110 Datasheet
263Kb / 2P
110 WATT MEDICAL POWER SUPPLIES
TM300 TRUMPOWER-TM300 Datasheet
277Kb / 3P
300 WATT MEDICAL POWER SUPPLIES
TM450 TRUMPOWER-TM450 Datasheet
253Kb / 3P
450 WATT MEDICAL POWER SUPPLIES
TM650 TRUMPOWER-TM650 Datasheet
273Kb / 3P
650 WATT MEDICAL POWER SUPPLIES
TMC40 TRUMPOWER-TMC40 Datasheet
137Kb / 2P
30-48 WATT MEDICAL & ITE SWITCHING POWER SUPPLIES
logo
Wall Industries,Inc.
PSMSC WALL-PSMSC Datasheet
165Kb / 5P
40 Watt Medical AC - DC Switching Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com