Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM300 Datasheet(PDF) 2 Page - Tumbler Technologies + TRUMPower

Part # TM300
Description  300 WATT MEDICAL POWER SUPPLIES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TM300 Datasheet(HTML) 2 Page - Tumbler Technologies + TRUMPower

  TM300 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TM300 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower TM300 Datasheet HTML 3Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
OUTPUT VOLTAGE/CURRENT RATING CHART
Maximum
Output # 1
Output # 2
Output # 3
Output # 4
Output
Product No.
Vnom.
Imin. Imax.
Tol.
Vnom. Imin. Imax. Tol. Vnom. Imin. Imax. Tol. Vnom. Imin.
Imax.
Tol.
Power (5)
TM300-S3.3
3.3V
3.0A
60A
3%
200W
TM300-S5.1
5.1V
3.0A
60A
2%
300W
TM300-S12
12V
1.2A
25A
2%
300W
TM300-S15
15V
1.0A
20A
2%
300W
TM300-S24
24V
0.6A
12.5A
2%
300W
TM300-S30
30V
0.5A
10A
2%
300W
TM300-S48
48V
0.5A
6.3A
2%
300W
TM300-Q403
3.3V
3.0A
35A
3%
5.1V
2.0A
22A
2%
12V
0A
4A
4%
12V
0A
4A
4%
250W
TM300-Q40
5.1V
2.0A
35A
2%
12V
1.0A
10A
2%
12V
0A
4A
4%
5.1V
0A
4A
4%
300W
TM300-Q41
5.1V
2.0A
35A
2%
15V
0.8A
8A
2%
15V
0A
4A
4%
24V
0A
2.5A
4%
300W
TM300-Q42
5.1V
2.0A
35A
2%
12V
1.0A
10A
2%
12V
0A
4A
4%
12V
0A
4A
4%
300W
TM300-Q45
5.1V
2.0A
35A
2%
12V
1.0A
10A
2%
12V
0A
4A
4%
24V
0A
2.5A
4%
300W
TM300-Q46
5.1V
2.0A
35A
2%
12V
1.0A
10A
2%
12V
0A
4A
4%
15V
0A
4A
4%
300W
TM300-Q47
5.1V
2.0A
35A
2%
24V
0.5A
5A
2%
12V
0A
4A
4%
12V
0A
4A
4%
300W
TM300-Q48
5.1V
2.0A
35A
2%
24V
0.5A
5A
2%
5.1V
0A
4A
4%
15V
0A
4A
4%
300W
TM300-Q49
5.1V
2.0A
35A
2%
12V
1.0A
10A
2%
5.1V
0A
4A
4%
24V
0A
2.5A
4%
300W
TM300-Q410
24V
0.5A
6.3A
2%
12V
1.0A
10A
2%
5.1V
0A
4A
4%
12V
0A
4A
4%
300W
TM300-Q411
24V
0.5A
6.3A
2%
12V
1.0A
10A
2%
5.1V
0A
4A
4%
24V
0A
2.5A
4%
300W
TM300-Q412
24V
0.5A
6.3A
2%
12V
1.0A
10A
2%
12V
0A
4A
4%
12V
0A
4A
4%
300W
TM300-Q413
24V
0.5A
6.3A
2%
24V
0.5A
5A
2%
5.1V
0A
4A
4%
15V
0A
4A
4%
300W
TM300-Q414
24V
0.5A
6.3A
2%
24V
0.5A
5A
2%
12V
0A
4A
4%
12V
0A
4A
4%
300W
MECHANICAL SPECIFICATIONS
Single Output Models
NOTES:
1.
Dimensions shown in inch [mm]
2.
Tolerance 0.02 [0.5] maximum
3.
Input connector P1 is Dinkle DT-35-B01W-03 screws are
M3, Nickel plated.
4.
Connector P4 mates with Molex housing 50-37-5103 and
pins 5263.
5.
Connectors P2, P3, P5 and P6: M3*0.5 screw connections
6.
Weight: 1.20 kgs. (2.64 lbs.) approx.
7.
DC fan on P4 is rated at 12V/0.1A.
MEDICAL GRADE
TM300 SERIES
NOTES:
1.
Add suffix "C" for enclosed format with option fan control, e.g. TM300-Q45C.
2.
All outputs are floating. It can be connected externally for positive or negative
output.
3.
Output #1 & #2 can be adjusted within ±5% of their nominal voltage.
4.
Output #3 & #4 can be adjusted within ±15% of their nominal voltage.
5.
300 watts for "C" version with cover-and-fan assembly. 150 watts for U-bracket
version without moving air (maximum current of output #1 & #2 derated to 50%), or 300
watts with 35 CFM forced air provided by user.
6.
TM300-S5.1 is rated 200 watts with 35 CFM forced air cooling or 100 watts
convection cooled. TM300-Q403 is rated 250 watts with 35 CFM forced air
cooling (maximum current of output #1 & #2 derated to 50%) or 125 watts
convection coole).
7.
Single output models may be operated at no-load. At no-load, output voltage
tolerance increases to 10%.
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Bldg. 13, Santa Clara, California 95054, USA
Phone: 408-988-6616
● Fax: 408-988-6622 ● email: sales@trumpower.com ● Website: www.TRUMPower.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com