Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP30 Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # TMP30
Description  30 WATT MEDICAL POWER ADAPTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TMP30 Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  TMP30 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TMP30 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
30 WATT MEDICAL POWER ADAPTERS
DES C RI P T I O N
The TMP30 series of AC/DC switching power
adapters are capable of delivering 25 to 30 watt
output power. They are enclosed in a 94V-1
rated polyphenylene-oxide case with an IEC320
inlet to mate with interchangeable cord for
world-wide use. All models meet CISPR 11 and
FCC class B emission limits, and are designed
for medical applications.
FE AT URES
‧ 10 standard desktop models.
‧ Optional output connectors
‧ Optional on/off s w itch
‧ 100 % b u rn-in at full rate d load
‧ 90VA C to 264 VA C uni v e r sal input
‧ Input surge current p r otection
‧ Ov er v o l tage protection
‧ O v ercurrent protection
‧ Short-circuit protection w i th auto-re c o v er y
INPUT SPECIFICATIONS
Input v o lt ag e :
85 to 264VAC
Input freque nc y :
47 to 63H z
Input curren t :
0.80A ( rms ) for 11 5 VAC
0.50A ( rms ) for 23 0VAC
Leakage cu r r ent:
90µA max. @ 115VAC , 60 Hz
150µA max. @ 230VAC, 5 0 Hz
TMP30 SERIES
Saf e t y Sta n da rd A ppr o va l s :
OUTPUT SPECIFICATIONS
Output voltage/current:
See rating chart
Output power range:
30 watts maximum
Ripple and noise:
1% peak to peak maximum
Overvoltage protection:
Set at 112-132% of the higher
extreme of its nominal output
voltage
Overcurrent protection:
The output is protected to
short circuit conditions
Temperature coefficient: All outputs ±0.04%/ºC
maximum
Transient response:
Maximum excursion of 4% or
better on all models,
recovering to 1% of final
value within 500µs after a
25% step load change
ENVI RONME N TA L S PECI F I C AT IONS
Operating te mperature:
S t orage temperature :
Relati v e hu midit y :
Derating:
0ºC t o + 70ºC
-40ºC to +85 º C
5% to 95% non-cond ensing
Derate from 100% at +50ºC
linearly to 50% at +70ºC
GENERAL SPECIFICATIONS
Switching frequency: 70KHz ±5KHz
Efficiency:
70% minimum on all models with
output voltage
≥7V or 65% minimum
on the others
Hold-up time:
20ms minimum at 115VAC
Line regulation:
±0.5% maximum at full load
Inrush current:
15A @ 115VAC, or 30A @ 230VAC, at
25ºC and cold start
Withstand voltage:
4000VAC from input to output
1500VAC from input to ground
500VAC from output to ground
MTBF:
400,000 hours minimum at full load at
25ºC ambient, calculated per
MIL-HDBK-217F
EMC Performance (EN60601-1-2: 2001)
EN55011:
Class B conducted, class B radiated
FCC:
Class B conducted, class B radiated
VCCI:
Class B conducted, class B radiated
EN61000-3-2:
Harmonic distortion, class A and D
EN61000-3-3:
Line flicker
EN61000-4-2:
ESD, ±8KV air and ±6KV contact
EN61000-4-3:
Radiated immunity, 3V/m for 80~2500MHz
EN61000-4-4:
Fast transient/burst, ±2KV
EN61000-4-5:
Surge, ±1KV diff, ±2KV com.
EN61000-4-6:
Conducted immunity, 3Vrms
EN61000-4-8:
Magnetic field immunity, 3A/m
EN61000-4-11:
Voltage dips, 30% reduction for 500ms,
60% reduction for 100ms and >95%
reduction for 10ms
UL 2601-1,
CSA C22.2 No. 601.1
TÜV EN60601-1
(MDD)
TRUMPower
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Bldg. 13, Santa Clara, California 95054, USA
Phone: 408-988-6616
● Fax: 408-988-6622 ● email: sales@trumpower.com ● Website: www.TRUMPower.com


Similar Part No. - TMP30

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TMP300 BURR-BROWN-TMP300 Datasheet
448Kb / 14P
1.8V, Resistor-Programmable TEMPERATURE SWITCH and
logo
Texas Instruments
TMP300 TI-TMP300 Datasheet
478Kb / 14P
1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300 TI2-TMP300 Datasheet
994Kb / 16P
1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
DECEMBER 2011
TMP300 TI2-TMP300 Datasheet
1,010Kb / 23P
TMP300 1.8-V, Resistor-Programmable Temperature Switch and Analog Out Temperature Sensor in SC70
REVISED JANUARY 2023
TMP300-Q1 TI1-TMP300-Q1 Datasheet
654Kb / 14P
1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
More results

Similar Description - TMP30

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TMP55 TRUMPOWER-TMP55 Datasheet
153Kb / 2P
55 WATT MEDICAL POWER ADAPTERS
TMP60 TRUMPOWER-TMP60 Datasheet
241Kb / 2P
30-60 WATT MEDICAL POWER ADAPTERS
TMP110 TRUMPOWER-TMP110 Datasheet
169Kb / 2P
110 WATT MEDICAL POWER ADAPTERS
TMP120 TRUMPOWER-TMP120 Datasheet
178Kb / 2P
120 WATT MEDICAL POWER ADAPTERS
TMP130 TRUMPOWER-TMP130 Datasheet
183Kb / 2P
130 WATT MEDICAL POWER ADAPTERS
TMP150 TRUMPOWER-TMP150 Datasheet
172Kb / 2P
150 WATT MEDICAL POWER ADAPTERS
TRM24 TRUMPOWER-TRM24 Datasheet
127Kb / 1P
12-24 Watt Medical Power Adapters
TMP180 TRUMPOWER-TMP180 Datasheet
78Kb / 2P
180 WATT MEDICAL POWER ADAPTERS
TRM30 TRUMPOWER-TRM30 Datasheet
116Kb / 1P
30 Watts Medical Power Adapters
TRM60 TRUMPOWER-TRM60 Datasheet
97Kb / 1P
30-60W Medical Power Adapters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com