Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP120 Datasheet(PDF) 2 Page - Tumbler Technologies + TRUMPower

Part # TMP120
Description  120 WATT MEDICAL POWER ADAPTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TMP120 Datasheet(HTML) 2 Page - Tumbler Technologies + TRUMPower

  TMP120 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TMP120 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MEDICAL GRADE
TMP120 SERIES
OUTPUT VOLTAGE/CURRENT RATING CHART
O u t p u t
Maximum
Product No.
Vnom.
Imin.
Imax.
Tol.
Output Power
TMP120-12
12V
0A
8.0A
5%
96W
TMP120-15
15V
0A
7.0A
5%
105W
TMP120-18
18V
0A
6.67A
5%
120W
TMP120-19
19V
0A
6.32A
5%
120W
TMP120-20
20V
0A
6.0A
5%
120W
TMP120-24
24V
0A
5.0A
5%
120W
TMP120-30
30V
0A
4.0A
5%
120W
TMP120-36
36V
0A
3.34A
5%
120W
TMP120-48
48V
0A
2.5A
5%
120W
NOTES:
1. Ripple and noise: Peak-to-peak with 20MHz bandwidth and 10µF tantalum capacitor in parallel with a 0.1µF ceramic capacitor at
rated line voltage and load ranges.
2. To order a model with IEC320/C18 inlet and class II insulation, add “C2”, e.g. TMP120-12-C2.
MECHANICAL SPECIFICATIONS
PIN CHART
1
2
3
4
Shell
TMP120-12
TMP120-18
TMP120-20
TMP120-30
TMP120-48
TMP120-15
TMP120-19
TMP120-24
TMP120-36
Return
Output +V
Return
Output +V
AC Ground
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Bldg. 13, Santa Clara, California 95054, USA
Phone: 408-988-6616
● Fax: 408-988-6622 ● email: sales@trumpower.com ● Website: www.TRUMPower.com
PIN
Product No.
NOTES:
1.
Dimensions shown in inch [mm]
2.
Tolerance 0.02 [0.5] maximum
3.
Weight: 780 grams approx.
4.
Standard output connector is a male 4-pin power DIN. Please consult TRUMPower for other connector options
5.
TMP120-12 and TMP120-15 output connectors are without lock.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com