Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP150 Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # TMP150
Description  150 WATT MEDICAL POWER ADAPTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TMP150 Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  TMP150 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TMP150 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESCRI PTI O N
The TMP150 is a series of medical grade, class I
and class II, AC/DC desktop power adapters of 132
to 150 watts output power. They are enclosed in a
94V-1 rated case with an IEC 320/C14 or IEC
320/C18 AC inlet to mate with interchangeable cord
for world-wide use. All models meet CISPR 11 and
FCC class B emission limits, and are designed for
medical applications.
FEAT URES
‧ Low safety ground leakage current
‧ Optional output connectors
‧ 100% burn-in
‧ 90 to 264VAC w i de input range
‧ Ov erv o ltage & ov ercurrent protections
‧ 0.98 PFC
‧ Compliant w i th CEC and Energy S tar efficiency
lev e l IV requirement s
‧ No load consumption less than 0.5W
‧ Av erage activ e efficiency ≧ 85%
‧ Compliant w i th RoHS requirements
INPUT SPECIFICAT IONS
Input v o lt age :
Input frequency :
Input current :
Earth leakage current :
(Class I)
Enclosure leakage current:
(Class II)
OUTPUT SPECIFICATIONS
Output voltage/current:
See rating chart
Total output power:
See rating chart
Ripple and noise:
2% peak to peak maximum
Overvoltage protection:
Set at 112 – 140% of its nominal
output voltage
Overcurrent protection:
All outputs protected to short
circuit conditions
Temperature coefficient:
All outputs ±0.04%/ºC maximum
Transient response:
Maximum excursion of 4% or
better on all models, recovering
to 1% of final value within 500µs
after a 25% step load change
ENVIRONMENTA L SPECIFICAT IONS
Operating temperature :
S t orage temperature :
Relativ e humidity :
Derating:
0ºC to +60ºC
-40ºC to +85ºC
5% to 95% non-condensing
Derate from 100% at +40ºC linearly
to 50% at +60ºC
Safety Standard Approvals :
GENERAL SPECIFICATIONS
Switching frequency: 30KHz ~ 110KHz
Power factor:
0.98 typical at 115VAC
Efficiency:
85% min.
Hold-up time:
15 msec minimum at 110VAC
Line regulation:
±0.5% maximum at full load
Inrush current:
60 amps @ 115VAC or 100 amps
@ 230VAC, at 25ºC cold start
Withstand voltage:
4000VAC from input to output
1500VAC from input to ground
500VAC from output to ground
MTBF:
150,000 hours minimum at full load
At 25ºC ambient, calculated per
MIL-HDBK-217F
EMC Performance
EN55011:
Class B conducted, Class B radiated
FCC:
Class B conducted, Class B radiated
VCCI:
Class B conducted, Class B radiated
EN61000-3-2:
Harmonic distortion, Class D
EN61000-3-3:
Line flicker
EN61000-4-2:
ESD, ±8KV air and ±6KV contact
EN61000-4-3:
Radiated immunity, 3V/m
EN61000-4-4:
Fast transient/burst, ±2KV
EN61000-4-5:
Surge, ±1KV diff, ±2KV com.
EN61000-4-6:
Conducted immunity, 3Vrms
EN61000-4-8:
Magnetic field immunity, 3A/m
EN61000-4-11 :
Voltage dips, 30% reduction for
500ms, 60% reduction for 100ms
and >95% reduction for 10ms
(LVD)
TMP150 SERIES
Class I, Class II
150 WATT MEDICAL POWER ADAPTERS
RoHS
UL 60601-1
CSA C22.2 No. 601.1
TÜV EN60601-1
TRUMPower
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Bldg. 13, Santa Clara, California 95054, USA
Phone: 408-988-6616
● Fax: 408-988-6622 ● email: sales@trumpower.com ● Website: www.TRUMPower.com
90 to 264VAC
47 to 63Hz
2.0A (rms) for 115VAC
1.0A (rms) for 230VAC
90µA max. @ 115VAC, 60Hz
150µA max. @ 230VAC, 50Hz
90µA max. @ 264VAC, 50Hz


Similar Part No. - TMP150

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP100 TI-TMP100 Datasheet
221Kb / 10P
Digital Temperature Sensor with I2C Interface
TMP100 TI-TMP100 Datasheet
130Kb / 10P
2C Accurate Digital Temperature Sensor with SPI Interface
TMP100 TI-TMP100 Datasheet
819Kb / 19P
Digital Temperature Sensor with I2C Interface
TMP100 TI-TMP100 Datasheet
886Kb / 30P
TMP10x Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
TMP100 TI2-TMP100 Datasheet
611Kb / 31P
TMP10x Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
REVISED NOVEMBER 2015
More results

Similar Description - TMP150

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
3F-12-150 TRUMPOWER-3F-12-150 Datasheet
213Kb / 2P
150 WATT POWER ADAPTERS
TMP30 TRUMPOWER-TMP30 Datasheet
191Kb / 2P
30 WATT MEDICAL POWER ADAPTERS
TMP55 TRUMPOWER-TMP55 Datasheet
153Kb / 2P
55 WATT MEDICAL POWER ADAPTERS
TMP110 TRUMPOWER-TMP110 Datasheet
169Kb / 2P
110 WATT MEDICAL POWER ADAPTERS
TMP120 TRUMPOWER-TMP120 Datasheet
178Kb / 2P
120 WATT MEDICAL POWER ADAPTERS
TMP130 TRUMPOWER-TMP130 Datasheet
183Kb / 2P
130 WATT MEDICAL POWER ADAPTERS
TRM24 TRUMPOWER-TRM24 Datasheet
127Kb / 1P
12-24 Watt Medical Power Adapters
3F TRUMPOWER-3F Datasheet
213Kb / 2P
150 WATT POWER ADAPTERS
TMP180 TRUMPOWER-TMP180 Datasheet
78Kb / 2P
180 WATT MEDICAL POWER ADAPTERS
TRM15 TRUMPOWER-TRM15_16 Datasheet
126Kb / 1P
10-15 Watt Medical Power Adapters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com