Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA032D01 Datasheet(PDF) 12 Page - Texas Instruments

Part # TPA032D01
Description  10-W MONO CLASS-D AUDIO POWER AMPLIFIER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA032D01 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPA032D01 Datasheet HTML 8Page - Texas Instruments TPA032D01 Datasheet HTML 9Page - Texas Instruments TPA032D01 Datasheet HTML 10Page - Texas Instruments TPA032D01 Datasheet HTML 11Page - Texas Instruments TPA032D01 Datasheet HTML 12Page - Texas Instruments TPA032D01 Datasheet HTML 13Page - Texas Instruments TPA032D01 Datasheet HTML 14Page - Texas Instruments TPA032D01 Datasheet HTML 15Page - Texas Instruments TPA032D01 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
TPA032D01
10-W MONO CLASS-D AUDIO POWER AMPLIFIER
SLOS282A – DECEMBER 1999 – REVISED MARCH 2000
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
efficiency of class-D vs linear operation
Amplifier efficiency is defined as the ratio of output power delivered to the load to power drawn from the supply.
In the efficiency equation below, PL is power across the load and PSUP is the supply power.
Efficiency
+ h +
P
L
P
SUP
A high-efficiency amplifier has a number of advantages over one with lower efficiency. One of these advantages
is a lower power requirement for a given output, which translates into less waste heat that must be removed
from the device, smaller power supply required, and increased battery life.
Audio power amplifier systems have traditionally used linear amplifiers, which are well known for being
inefficient. Class-D amplifiers were developed as a means to increase the efficiency of audio power amplifier
systems.
A linear amplifier is designed to act as a variable resistor network between the power supply and the load. The
transistors operate in their linear region and voltage that is dropped across the transistors (in their role as
variable resistors) is lost as heat, particularly in the output transistors.
The output transistors of a class-D amplifier switch from full OFF to full ON (saturated) and then back again,
spending very little time in the linear region in between. As a result, very little power is lost to heat because the
transistors are not operated in their linear region. If the transistors have a low on-resistance, little voltage is
dropped across them, further reducing losses. The ideal class-D amplifier is 100% efficient, which assumes that
both the on-resistance (rDS(on)) and the switching times of the output transistors are zero.
the ideal class-D amplifier
To illustrate how the output transistors of a class-D amplifier operate, a half-bridge application is examined first
(see Figure 4).
VDD
VOUT
L
CL
RL
IL
IOUT
+
–
VA
M2
M1
C
Figure 4. Half-Bridge Class-D Output Stage
Figures 5 and 6 show the currents and voltages of the half-bridge circuit. When transistor M1 is on and M2 is
off, the inductor current is approximately equal to the supply current. When M2 switches on and M1 switches
off, the supply current drops to zero, but the inductor keeps the inductor current from dropping. The additional
inductor current is flowing through M2 from ground. This means that VA (the voltage at the drain of M2, as shown
in Figure 4) transitions between the supply voltage and slightly below ground. The inductor and capacitor form
a low-pass filter, which makes the output current equal to the average of the inductor current. The low pass filter
averages VA, which makes VOUT equal to the supply voltage multiplied by the duty cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com