Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM2P2351AF-24AT Datasheet(PDF) 4 Page - PulseCore Semiconductor

Part # ASM2P2351AF-24AT
Description  1-Line To 10-Line Clock Driver With 3-State Outputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM2P2351AF-24AT Datasheet(HTML) 4 Page - PulseCore Semiconductor

  ASM2P2351AF-24AT Datasheet HTML 1Page - PulseCore Semiconductor ASM2P2351AF-24AT Datasheet HTML 2Page - PulseCore Semiconductor ASM2P2351AF-24AT Datasheet HTML 3Page - PulseCore Semiconductor ASM2P2351AF-24AT Datasheet HTML 4Page - PulseCore Semiconductor ASM2P2351AF-24AT Datasheet HTML 5Page - PulseCore Semiconductor ASM2P2351AF-24AT Datasheet HTML 6Page - PulseCore Semiconductor ASM2P2351AF-24AT Datasheet HTML 7Page - PulseCore Semiconductor ASM2P2351AF-24AT Datasheet HTML 8Page - PulseCore Semiconductor ASM2P2351AF-24AT Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
November 2006
ASM2P2351AH
rev 0.3
1-Line To 10-Line Clock Driver With 3-State Outputs
4 of 12
Notice: The information in this document is subject to change without notice.
Switching Characteristics, C
L = 50 pF (see Figures 1 and 2)
ASM2P2351A
ASM2P2351AH
VCC = 3.3 V, TA = 25°C
VCC = 3 V to 3.6 V,
TA = 0°C to 70°C
Parameter
From
(Input)
To
(Output)
Min
Typ
Max
Min
Max
Unit
tPLH
3.8
4.3
4.8
tPHL
A
Y
3.6
4.1
4.6
nS
tPZH
2.4
4.9
6.0
1.8
6.9
tPZL
OE
Y
2.4
4.3
6.0
1.8
6.9
nS
tPHZ
2.2
4.4
6.3
2.1
7.1
tPLZ
OE
Y
2.2
4.6
6.3
2.1
7.3
nS
tsk(o)
A
Y
0.3
0.5
0.5
nS
tsk(p)
A
Y
0.2
0.8
0.8
nS
tsk(pr)
A
Y
1
1
nS
tr
A
Y
2.5
nS
tf
A
Y
2.5
nS
Switching Characteristics temperature and VCC coefficients over recommended operating free-air
temperature and VCC range (see Note 3)
Parameter
From
(Input)
To
(Output)
Min
Max
Unit
tPLH(T)
Average temperature coefficient of low to high
propagation delay
A
Y
85
1
pS/10°C
tPHL(T)
Average temperature coefficient of high to low
propagation delay
A
Y
50
1
pS/10°C
tPLH(VCC)
Average VCC coefficient of low to high propagation
delay
A
Y
-145
2
pS/ 100
mV
tPHL(VCC)
Average VCC coefficient of high to low propagation
delay
A
Y
-100
2
pS/ 100
mV
Note: 1 tPLH(T) and tPHL(T) are virtually independent of VCC.
2 tPLH(VCC) and tPHL(VCC) are virtually independent of temperature.
3 This data was extracted from characterization material and are not tested at the factory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com