Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM2P2351AF-24ST Datasheet(PDF) 6 Page - PulseCore Semiconductor

Part # ASM2P2351AF-24ST
Description  1-Line To 10-Line Clock Driver With 3-State Outputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM2P2351AF-24ST Datasheet(HTML) 6 Page - PulseCore Semiconductor

Back Button ASM2P2351AF-24ST Datasheet HTML 2Page - PulseCore Semiconductor ASM2P2351AF-24ST Datasheet HTML 3Page - PulseCore Semiconductor ASM2P2351AF-24ST Datasheet HTML 4Page - PulseCore Semiconductor ASM2P2351AF-24ST Datasheet HTML 5Page - PulseCore Semiconductor ASM2P2351AF-24ST Datasheet HTML 6Page - PulseCore Semiconductor ASM2P2351AF-24ST Datasheet HTML 7Page - PulseCore Semiconductor ASM2P2351AF-24ST Datasheet HTML 8Page - PulseCore Semiconductor ASM2P2351AF-24ST Datasheet HTML 9Page - PulseCore Semiconductor ASM2P2351AF-24ST Datasheet HTML 10Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
November 2006
ASM2P2351AH
rev 0.3
1-Line To 10-Line Clock Driver With 3-State Outputs
6 of 12
Notice: The information in this document is subject to change without notice.
Figure 1. Load Circuit and Voltage Waveforms
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR 3 10 MHz, ZO = 50Ω, tr 3 2.5 nS, tf 3 2.5 nS.
D. The outputs are measured one at a time with one transition per measurement.
3 V
0 V
VOL
3 V
VOL + O.3 V
1.5 V
tPHZ
tPLZ
1.5 V
1.5 V
0 V
tPZH
VOH. – 0.3 V
VOH
1.5 V
Output
Control
(low-level
enabling)
Output
Waveform 1
S1 at 6 V
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
tPHZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com