Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM3P622S01J Datasheet(PDF) 4 Page - PulseCore Semiconductor

Part # ASM3P622S01J
Description  Low Frequency Timing-Safe??Peak EMI reduction IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM3P622S01J Datasheet(HTML) 4 Page - PulseCore Semiconductor

  ASM3P622S01J Datasheet HTML 1Page - PulseCore Semiconductor ASM3P622S01J Datasheet HTML 2Page - PulseCore Semiconductor ASM3P622S01J Datasheet HTML 3Page - PulseCore Semiconductor ASM3P622S01J Datasheet HTML 4Page - PulseCore Semiconductor ASM3P622S01J Datasheet HTML 5Page - PulseCore Semiconductor ASM3P622S01J Datasheet HTML 6Page - PulseCore Semiconductor ASM3P622S01J Datasheet HTML 7Page - PulseCore Semiconductor ASM3P622S01J Datasheet HTML 8Page - PulseCore Semiconductor ASM3P622S01J Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
May 2007
ASM3P622S01B/J
rev 0.4
Low Frequency Timing-Safe™ Peak EMI Reduction IC
4 of 12
Notice: The information in this document is subject to change without notice.
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VDD
Voltage on any pin with respect to Ground
-0.5 to +4.6
V
TSTG
Storage temperature
-65 to +125
°C
Ts
Max. Soldering Temperature (10 sec)
260
°C
TJ
Junction Temperature
150
°C
TDV
Static Discharge Voltage (As per JEDEC STD22- A114-B)
2
KV
Note: These are stress ratings only and are not implied for functional use. Exposure to absolute maximum ratings for prolonged periods of time may affect
device reliability.
Operating Conditions for ASM3P622S01B/J Device
Parameter
Description
Min
Max
Unit
VDD
Supply Voltage
3.0
3.6
V
TA
Operating Temperature (Ambient Temperature)
-40
+85
°C
CL
Load Capacitance
30
pF
CIN
Input Capacitance
7
pF
Electrical Characteristics for ASM3P622S01B/J
Parameter
Description
Test Conditions
Min
Typ
Max
Unit
VIL
Input LOW Voltage
1
0.8
V
VIH
Input HIGH Voltage
1
2.0
V
IIL
Input LOW Current
VIN = 0V
50
µA
IIH
Input HIGH Current
VIN = VDD
100
µA
VOL
Output LOW Voltage
2
IOL = 8mA
0.4
V
VOH
Output HIGH Voltage
2
IOH = -8mA
2.4
V
IDD
Supply Current
Unloaded outputs
15
mA
Zo
Output Impedance
23
Ω
Note: 1. CLKIN input has a threshold voltage of VDD/2
2. Parameter is guaranteed by design and characterization. Not 100% tested in production



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com