Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM3P2107A Datasheet(PDF) 1 Page - PulseCore Semiconductor

Part # ASM3P2107A
Description  Peak EMI Reducing Solution
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM3P2107A Datasheet(HTML) 1 Page - PulseCore Semiconductor

  ASM3P2107A Datasheet HTML 1Page - PulseCore Semiconductor ASM3P2107A Datasheet HTML 2Page - PulseCore Semiconductor ASM3P2107A Datasheet HTML 3Page - PulseCore Semiconductor ASM3P2107A Datasheet HTML 4Page - PulseCore Semiconductor ASM3P2107A Datasheet HTML 5Page - PulseCore Semiconductor ASM3P2107A Datasheet HTML 6Page - PulseCore Semiconductor ASM3P2107A Datasheet HTML 7Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
November 2006
ASM3P2107A
rev 0.4
Notice: The information in this document is subject to change without notice.
PulseCore Semiconductor Corporation
1715 S. Bascom Ave Suite 200, Campbell, CA 95008
• Tel: 408-879-9077 • Fax: 408-879-9018
www.pulsecoresemi.com
Peak EMI Reducing Solution
Features
•
FCC approved method of EMI attenuation.
•
Generates a 1X low EMI spread spectrum clock of
the input frequency.
•
Input frequency range: 12MHz to 22MHz.
•
Internal loop filter minimizes external components
and board space.
•
Frequency deviation: - 0.8%( Typ) @20MHz.
•
Low cycle-to-cycle jitter.
•
5.0V ± 5% operating voltage range.
•
TTL or CMOS compatible outputs.
•
Available in 8-pin TSSOP and SOIC package
Product Description
The ASM3P2107A is a versatile spread spectrum
frequency modulator designed specifically for input clock
frequencies from 12MHz to 22MHz. The ASM3P2107A
can generate an EMI reduced clock from crystal, ceramic
resonator, or system clock.
The ASM3P2107A reduces electromagnetic interference
(EMI) at the clock source, allowing system wide reduction
of EMI of
down stream clock and data dependent
signals. The ASM3P2107A allows significant system cost
savings by reducing the number of circuit board layers
ferrite beads, shielding and other passive components
that are traditionally required to pass EMI regulations.
The ASM3P2107A uses the most efficient and optimized
modulation profile approved by the FCC and is
implemented in a proprietary all digital method.
The ASM3P2107A modulates the output of a single PLL
in order to “spread” the bandwidth of a synthesized clock,
and more importantly, decreases the peak amplitudes of
its harmonics. This results in significantly lower system
EMI compared to the typical narrow band signal produced
by oscillators and most frequency generators. Lowering
EMI by increasing a signal’s bandwidth is called ‘spread
spectrum clock generation’.
Applications
The ASM3P2107A is targeted towards EMI management
for high speed digital applications such as PC peripheral
devices, consumer electronics and embedded controller
systems.
Block Diagram
GND
XIN
XOUT
Crystal
Oscillator
Frequency
Divider
Feedback
Divider
Modulation
Phase
Detector
Loop
Filter
VCO
Output
Divider
CLOCKOUT
PLL
VDD


Similar Part No. - ASM3P2107A

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3P2107A ALSC-ASM3P2107A Datasheet
325Kb / 7P
Peak EMI Reducing Solution
logo
ON Semiconductor
ASM3P2107A ONSEMI-ASM3P2107A Datasheet
136Kb / 6P
Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 1
ASM3P2107A ONSEMI-ASM3P2107A Datasheet
107Kb / 6P
Peak EMI Reducing Solution
August, 2011 ??Rev. P2
logo
Alliance Semiconductor ...
ASM3P2107A-08-SR ALSC-ASM3P2107A-08-SR Datasheet
325Kb / 7P
Peak EMI Reducing Solution
ASM3P2107A-08-ST ALSC-ASM3P2107A-08-ST Datasheet
325Kb / 7P
Peak EMI Reducing Solution
More results

Similar Description - ASM3P2107A

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3P2111A ALSC-ASM3P2111A Datasheet
207Kb / 8P
Peak EMI Reducing Solution
ASM3P2190A ALSC-ASM3P2190A Datasheet
117Kb / 7P
Peak Reducing EMI Solution
ASM3P2853A ALSC-ASM3P2853A Datasheet
2Mb / 8P
Peak EMI Reducing Solution
logo
ON Semiconductor
ASM3P2107A ONSEMI-ASM3P2107A Datasheet
136Kb / 6P
Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 1
ASM3P2108A ONSEMI-ASM3P2108A Datasheet
129Kb / 5P
Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 1
ASM3P2180A ONSEMI-ASM3P2180A Datasheet
132Kb / 6P
Peak Reducing EMI Solution
JANUARY 2010 ??Rev. 2
ASM3P2474A ONSEMI-ASM3P2474A Datasheet
134Kb / 7P
Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 2
logo
Cypress Semiconductor
W181-01GT CYPRESS-W181-01GT Datasheet
190Kb / 9P
Peak-Reducing EMI Solution
logo
ON Semiconductor
ASM3P2760 ONSEMI-ASM3P2760_15 Datasheet
97Kb / 7P
Peak EMI Reducing Solution
July, 2015 ??Rev. 3
ASM3P2853 ONSEMI-ASM3P2853_12 Datasheet
142Kb / 7P
Peak EMI Reducing Solution
FEBRUARY 2012 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com