Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM3P2180A Datasheet(PDF) 2 Page - PulseCore Semiconductor

Part # ASM3P2180A
Description  Peak Reducing EMI Solution
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM3P2180A Datasheet(HTML) 2 Page - PulseCore Semiconductor

  ASM3P2180A Datasheet HTML 1Page - PulseCore Semiconductor ASM3P2180A Datasheet HTML 2Page - PulseCore Semiconductor ASM3P2180A Datasheet HTML 3Page - PulseCore Semiconductor ASM3P2180A Datasheet HTML 4Page - PulseCore Semiconductor ASM3P2180A Datasheet HTML 5Page - PulseCore Semiconductor ASM3P2180A Datasheet HTML 6Page - PulseCore Semiconductor ASM3P2180A Datasheet HTML 7Page - PulseCore Semiconductor ASM3P2180A Datasheet HTML 8Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Peak Reducing EMI Solution
2 of 8
February 2008
ASM3P2180A
rev 1.2
Notice: The information in this document is subject to change without notice.
Pin Diagram
Pin Description
Pin#
Pin Name
Type
Description
1
CLKIN / XIN
I
Crystal connection or external reference clock input.
2
XOUT
O
Connection for an external crystal. If using an external reference, this pin must
be left unconnected.
3
GND
P
Ground to entire chip.
4
SS%
I
Spread Selection Input. Has an internal pull-up resistor.
5
CLKOUT
O
Modulated Clock Output.
6
VDD
P
Power supply for the entire chip.
7
FS
I
Frequency selection bit. This pin selects the frequency range of operation.
(Refer to the Frequency Range Selection Table). Has an internal pull-up
resistor.
8
NC
-
No connect.
Frequency Range Selection
FS
Frequency Range (MHz)
0
6 -10
1
18-30
Spread Selection table
Frequency (MHz)
SS%
FS=0
FS=1
Deviation (%) (typ)
6
18
-2
8
24
-1.5
0
10
30
-1
6
18
-4
8
24
-3
1
10
30
-2
1
2
3
4
5
6
7
8
VDD
NC
CLKOUT
CLKIN / XIN
XOUT
GND
SS%
FS
3P2180A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com