Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA4860 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPA4860
Description  1-W MONO AUDIO POWER AMPLIFIER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA4860 Datasheet(HTML) 1 Page - Texas Instruments

  TPA4860 Datasheet HTML 1Page - Texas Instruments TPA4860 Datasheet HTML 2Page - Texas Instruments TPA4860 Datasheet HTML 3Page - Texas Instruments TPA4860 Datasheet HTML 4Page - Texas Instruments TPA4860 Datasheet HTML 5Page - Texas Instruments TPA4860 Datasheet HTML 6Page - Texas Instruments TPA4860 Datasheet HTML 7Page - Texas Instruments TPA4860 Datasheet HTML 8Page - Texas Instruments TPA4860 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
TPA4860
1-W MONO AUDIO POWER AMPLIFIER
SLOS164A – SEPTEMBER 1996 – REVISED MARCH 2000
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D 1-W BTL Output (5 V, 0.2 % THD+N)
D 3.3-V and 5-V Operation
D No Output Coupling Capacitors Required
D Shutdown Control (IDD = 0.6 µA)
D Headphone Interface Logic
D Uncompensated Gains of 2 to 20 (BTL
Mode)
D Surface-Mount Packaging
D Thermal and Short-Circuit Protection
D High Power Supply Rejection
(56-dB at 1 kHz)
D LM4860 Drop-In Compatible
description
The TPA4860 is a bridge-tied load (BTL) audio power amplifier capable of delivering 1 W of continuous average
power into an 8-
Ω load at 0.4 % THD+N from a 5-V power supply in voiceband frequencies (f < 5 kHz). A BTL
configuration eliminates the need for external coupling capacitors on the output in most applications. Gain is
externally configured by means of two resistors and does not require compensation for settings of 2 to 20.
Features of this amplifier are a shutdown function for power-sensitive applications as well as headphone
interface logic that mutes the output when the speaker drive is not required. Internal thermal and short-circuit
protection increases device reliability. It also includes headphone interface logic circuitry to facilitate headphone
applications. The amplifier is available in a 16-pin SOIC surface-mount package that reduces board space and
facilitates automated assembly.
typical application circuit
Audio
Input
Bias
Control
VDD
1 W
12
10
15
1, 4, 8, 9, 16
VO1
VO2
VDD
2
3
7
6
5
14
13
11
GAIN
IN +
IN –
BYPASS
HP-IN1
HP-IN2
HP-SENSE
SHUTDOWN
VDD/2
CI
RI
RF
VDD
RPU
Headphone
Plug
NC
CB
CS
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
GND
SHUTDOWN
HP-SENSE
GND
BYPASS
HP-IN1
HP-IN2
GND
GND
VO2
IN+
IN–
VDD
GAIN
VO1
GND
D PACKAGE
(TOP VIEW)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
© 2000, Texas Instruments Incorporated


Similar Part No. - TPA4860

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA4860 TI-TPA4860 Datasheet
442Kb / 24P
1-W MONO AUDIO POWER AMPLIFIER
TPA4860 TI2-TPA4860 Datasheet
528Kb / 27P
1-W MONO AUDIO POWER AMPLIFIER
REVISED JUNE 2004
TPA4860D TI-TPA4860D Datasheet
442Kb / 24P
1-W MONO AUDIO POWER AMPLIFIER
TPA4860D TI2-TPA4860D Datasheet
528Kb / 27P
1-W MONO AUDIO POWER AMPLIFIER
REVISED JUNE 2004
TPA4860D.A TI2-TPA4860D.A Datasheet
528Kb / 27P
1-W MONO AUDIO POWER AMPLIFIER
REVISED JUNE 2004
More results

Similar Description - TPA4860

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA7052 PHILIPS-TDA7052 Datasheet
44Kb / 8P
1 W BTL mono audio amplifier
July 1994
logo
Texas Instruments
TPA0211 TI-TPA0211 Datasheet
88Kb / 6P
2-W MONO AUDIO POWER AMPLIFIER
TPA2001D1 TI-TPA2001D1 Datasheet
189Kb / 13P
1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA0211 TI-TPA0211_07 Datasheet
746Kb / 26P
2-W MONO AUDIO POWER AMPLIFIER
TPA4860 TI-TPA4860_06 Datasheet
442Kb / 24P
1-W MONO AUDIO POWER AMPLIFIER
TPA4861 TI-TPA4861_07 Datasheet
486Kb / 23P
1-W MONO AUDIO POWER AMPLIFIER
TPA0211 TI-TPA0211_15 Datasheet
889Kb / 28P
2-W MONO AUDIO POWER AMPLIFIER
TPA2001D1 TI-TPA2001D1_15 Datasheet
575Kb / 18P
1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA4860 TI-TPA4860_15 Datasheet
655Kb / 28P
1-W MONO AUDIO POWER AMPLIFIER
TPA4861 TI-TPA4861_15 Datasheet
641Kb / 26P
1-W MONO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com