Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM3P2187A Datasheet(PDF) 6 Page - PulseCore Semiconductor

Part # ASM3P2187A
Description  Spread Spectrum Clock Generator for Mobile Applications
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM3P2187A Datasheet(HTML) 6 Page - PulseCore Semiconductor

  ASM3P2187A Datasheet HTML 1Page - PulseCore Semiconductor ASM3P2187A Datasheet HTML 2Page - PulseCore Semiconductor ASM3P2187A Datasheet HTML 3Page - PulseCore Semiconductor ASM3P2187A Datasheet HTML 4Page - PulseCore Semiconductor ASM3P2187A Datasheet HTML 5Page - PulseCore Semiconductor ASM3P2187A Datasheet HTML 6Page - PulseCore Semiconductor ASM3P2187A Datasheet HTML 7Page - PulseCore Semiconductor ASM3P2187A Datasheet HTML 8Page - PulseCore Semiconductor ASM3P2187A Datasheet HTML 9Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
June 2006
ASM3P2187A/B
rev 0.1
Spread Spectrum Clock Generator for Mobile Applications
6 of 9
Notice: The information in this document is subject to change without notice.
Typical Crystal Oscillator Circuit
Typical Crystal Specifications
Fundamental AT cut parallel resonant crystal
Nominal frequency
14.31818MHz
Frequency tolerance
± 50 ppm or better at 25°C
Operating temperature range
-25°C to +85°C
Storage temperature
-40°C to +85°C
Load capacitance
18pF
Shunt capacitance
7pF maximum
ESR
25Ω
R1 = 510Ω
C1 = 27 pF
C2 =27 pF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com