Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM3P2598A Datasheet(PDF) 2 Page - PulseCore Semiconductor

Part # ASM3P2598A
Description  Low Power Peak EMI Reducing Solution
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM3P2598A Datasheet(HTML) 2 Page - PulseCore Semiconductor

  ASM3P2598A Datasheet HTML 1Page - PulseCore Semiconductor ASM3P2598A Datasheet HTML 2Page - PulseCore Semiconductor ASM3P2598A Datasheet HTML 3Page - PulseCore Semiconductor ASM3P2598A Datasheet HTML 4Page - PulseCore Semiconductor ASM3P2598A Datasheet HTML 5Page - PulseCore Semiconductor ASM3P2598A Datasheet HTML 6Page - PulseCore Semiconductor ASM3P2598A Datasheet HTML 7Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
October 2006
ASM3P2598A
rev 0.3
Low Power Peak EMI Reducing Solution
2 of 7
Notice: The information in this document is subject to change without notice.
CLKIN
SSON 1
2
3
4
5
6
ASM3P2598A
VDD
ModOUT
VSS
NC
Pin Configuration (6-pin TSOT- 23 Package)
Pin Description
Pin#
Pin Name
Type
Description
1
SSON
I
When SSON is HIGH, the spread spectrum is enabled and when LOW, it turns off the
spread spectrum. Connect the pin to ground When Spread Spectrum feature is not
required.
2
NC
-
No Connect
3
CLKIN
I
Clock Input
4
VDD
P
Power supply for the entire chip.
5
ModOUT
O
Spread spectrum clock output.
6
VSS
P
Ground connection.
Modulation Profile
Specifications
Description
Specification
For 2.5V Supply
60MHz < CLKIN < 120MHz
Frequency Range
For 3.3V Supply
60MHz < CLKIN < 120MHz
Modulation Equation
FIN/2560
Frequency Deviation
±1.5% (Typ) @ 85MHz Output



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com