Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM3P2508AF-08ST Datasheet(PDF) 6 Page - PulseCore Semiconductor

Part # ASM3P2508AF-08ST
Description  Peak EMI Reducing Solution
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM3P2508AF-08ST Datasheet(HTML) 6 Page - PulseCore Semiconductor

  ASM3P2508AF-08ST Datasheet HTML 1Page - PulseCore Semiconductor ASM3P2508AF-08ST Datasheet HTML 2Page - PulseCore Semiconductor ASM3P2508AF-08ST Datasheet HTML 3Page - PulseCore Semiconductor ASM3P2508AF-08ST Datasheet HTML 4Page - PulseCore Semiconductor ASM3P2508AF-08ST Datasheet HTML 5Page - PulseCore Semiconductor ASM3P2508AF-08ST Datasheet HTML 6Page - PulseCore Semiconductor ASM3P2508AF-08ST Datasheet HTML 7Page - PulseCore Semiconductor ASM3P2508AF-08ST Datasheet HTML 8Page - PulseCore Semiconductor ASM3P2508AF-08ST Datasheet HTML 9Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Peak EMI Reducing Solution
6 of 9
February 2007
ASM3P2508A
rev 1.4
Notice: The information in this document is subject to change without notice.
An example of a Byte Write via I2C to partially ‘power
down’ the device:
ASM3P2508A can be partially ‘powered down’ using bit 1
of Byte 0. The organization of the register bits for Byte ‘0’ is
given with default values below:
Bit
7
6
5
4
3
2
1
0
Resv Resv Resv Resv Resv Resv
PLL2
Enable
PLL1
Enable
0
1
0
1
0
1
1
1
The function of partial power down of the device is of
interest to us - that is bit 1 of Byte 0. In the default mode
this bit is logic ‘1’. As such, the Byte 0 default value is
57 (H). To put ASM3P2508A in ‘power down’ mode, the
bit 1 of Byte 0 is to be changed to logic ‘0’. Hence writing a
55 (H) via I2C into Byte 0 would put the device in partial
‘power down’ mode where the PLL block generating
72 MHz / 48 MHz would be powered down while I2C block,
crystal oscillator, and the PLL block generating 120 MHz
would still be active. The organization of the register bits is
as below:
Bit
7
6
5
4
3
2
1
0
Resv
Resv
Resv
Resv
Resv
Resv
PLL2
Enable
PLL1
Enable
0
1
0
1
0
1
0
1
Byte 0
Byte 1
FOUT1CLK (MHz)
FOUT2CLK(MHz)
Power up default
6F(H)
3F(H)
120
72
48_MHz Mode
6F(H)
BF(H)
120
48
Power down PLL with 72MHz
6D(H)
3F(H)
120
-
Power down PLL with 48MHz
6D(H)
BF(H)
120
-
Figure showing a complete data transfer:
.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com