Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCW68GLT1 Datasheet(PDF) 1 Page - Motorola, Inc

Part # BCW68GLT1
Description  General Purpose Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BCW68GLT1 Datasheet(HTML) 1 Page - Motorola, Inc

  BCW68GLT1 Datasheet HTML 1Page - Motorola, Inc BCW68GLT1 Datasheet HTML 2Page - Motorola, Inc BCW68GLT1 Datasheet HTML 3Page - Motorola, Inc BCW68GLT1 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
General Purpose Transistor
PNP Silicon
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
VCEO
–45
Vdc
Collector–Base Voltage
VCBO
–60
Vdc
Emitter–Base Voltage
VEBO
–5.0
Vdc
Collector Current — Continuous
IC
–800
mAdc
DEVICE MARKING
BCW68GLT1 = DH
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR-5 Board (1)
TA = 25°C
Derate above 25
°C
PD
225
1.8
mW
mW/
°C
Thermal Resistance, Junction to Ambient
R
θJA
556
°C/W
Total Device Dissipation
Alumina Substrate, (2) TA = 25°C
Derate above 25
°C
PD
300
2.4
mW
mW/
°C
Thermal Resistance, Junction to Ambient
R
θJA
417
°C/W
Junction and Storage Temperature
TJ, Tstg
– 55 to +150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage (IC = –10 mAdc, IB = 0)
V(BR)CEO
–45
—
—
Vdc
Collector–Emitter Breakdown Voltage (IC = –10 µAdc, VEB = 0)
V(BR)CES
–60
—
—
Vdc
Emitter–Base Breakdown Voltage (IE = –10 µAdc, IC = 0)
V(BR)EBO
–5.0
—
—
Vdc
Collector Cutoff Current
(VCE= –45 Vdc, IE = 0)
(VCE= –45 Vdc, IB = 0, TA = 150°C)
ICES
—
—
—
—
–20
–10
nAdc
µAdc
Emitter Cutoff Current (VEB = –4.0 Vdc, IC = 0)
IEBO
—
—
–20
nAdc
1. FR–5 = 1.0 x 0.75 x 0.062 in.
2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina
Thermal Clad is a trademark of the Bergquist Company
Order this document
by BCW68GLT1/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
BCW68GLT1
1
2
3
CASE 318 – 08, STYLE 6
SOT– 23 (TO – 236AB)
© Motorola, Inc. 1996
COLLECTOR
3
1
BASE
2
EMITTER


Similar Part No. - BCW68GLT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BCW68GLT1 LRC-BCW68GLT1 Datasheet
52Kb / 2P
General Purpose Transistors(PNP Silicon)
logo
WILLAS ELECTRONIC CORP
BCW68GLT1 WILLAS-BCW68GLT1 Datasheet
297Kb / 3P
General Purpose Transistors
logo
ON Semiconductor
BCW68GLT1G ONSEMI-BCW68GLT1G Datasheet
113Kb / 3P
General Purpose Transistor PNP Silicon
August, 2009 ??Rev. 5
BCW68GLT1G ONSEMI-BCW68GLT1G Datasheet
68Kb / 5P
General Purpose Transistor
March, 2015 ??Rev. 7
BCW68GLT1G ONSEMI-BCW68GLT1G Datasheet
92Kb / 5P
General Purpose Transistor
November, 2016 ??Rev. 8
More results

Similar Description - BCW68GLT1

ManufacturerPart #DatasheetDescription
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
General purpose transistor
logo
SeCoS Halbleitertechnol...
2SA673 SECOS-2SA673_11 Datasheet
360Kb / 2P
General Purpose Transistor
BCP772 SECOS-BCP772 Datasheet
493Kb / 2P
General Purpose Transistor
KSD471A SECOS-KSD471A Datasheet
202Kb / 2P
General Purpose Transistor
KTC3198 SECOS-KTC3198 Datasheet
109Kb / 3P
General Purpose Transistor
MMBT593 SECOS-MMBT593 Datasheet
355Kb / 2P
General Purpose Transistor
MMBT2222Q SECOS-MMBT2222Q Datasheet
257Kb / 4P
General Purpose Transistor
MMBT3904W SECOS-MMBT3904W Datasheet
419Kb / 6P
General Purpose Transistor
PZT3904 SECOS-PZT3904 Datasheet
188Kb / 5P
General Purpose Transistor
logo
WILLAS ELECTRONIC CORP
MMBT2907AWT1 WILLAS-MMBT2907AWT1 Datasheet
285Kb / 3P
General Purpose Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com