Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM3P2854B Datasheet(PDF) 4 Page - PulseCore Semiconductor

Part # ASM3P2854B
Description  Custom Clock Generator for Fax System
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM3P2854B Datasheet(HTML) 4 Page - PulseCore Semiconductor

  ASM3P2854B_1 Datasheet HTML 1Page - PulseCore Semiconductor ASM3P2854B_1 Datasheet HTML 2Page - PulseCore Semiconductor ASM3P2854B_1 Datasheet HTML 3Page - PulseCore Semiconductor ASM3P2854B_1 Datasheet HTML 4Page - PulseCore Semiconductor ASM3P2854B_1 Datasheet HTML 5Page - PulseCore Semiconductor ASM3P2854B_1 Datasheet HTML 6Page - PulseCore Semiconductor ASM3P2854B_1 Datasheet HTML 7Page - PulseCore Semiconductor ASM3P2854B_1 Datasheet HTML 8Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
August 2007
ASM3P2854B
rev 0.3
Custom Clock Generator for Fax System
4 of 8
Notice: The information in this document is subject to change without notice.
DC Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
VIL
Input low voltage
GND - 0.3
0.8
V
VIH
Input high voltage
2.0
VDD + 0.3
V
IIL
Input low current
-35
µA
IIH
Input high current
35
µA
IXOL
XOUT output low current (VXOL@0.4V, VDD=3.3V)
3
mA
IXOH
XOUT output high current (VXOH@2.5V, VDD=3.3V)
3
mA
VOL
Output low voltage (VDD = 3.3V, IOL = 15mA)
0.4
V
VOH
Output high voltage (VDD = 3.3V, IOH = 15mA)
2.5
V
IDD
Static supply current*
14
mA
ICC
Dynamic supply current ( VDD=3.3V, No Load)
33
mA
VDD
Operating Voltage
3.0
3.3
3.6
V
VDD_FOUT
Operating Voltage
3.0
3.3
3.6
V
tON
Power-up time (first locked cycle after power-up)
5
mS
ZOUT
Output impedance
37
Ω
* XIN pin is pulled low
AC Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
XIN / CLKIN
Input frequency
24
At Pin 7
48
At Pin 8
12
At Pins 9 and 10
33
At Pins 12 and 13
66
At Pin 15*
PCLK
FOUT
Output frequency
At Pin 16
25
MHz
Output Frequency = 25MHz
-0.45
Output Frequency = 33.3MHz
-0.6
fd
Frequency Deviation
Output Frequency = 66.6MHz
-1.2
%
tLH**
Output rise time (measured from 0.8 to 2.0V)
1.0
tHL **
Output fall time (measured at 2.0V to 0.8V)
1.0
nS
tJC
Jitter (Cycle to cycle)
250
pS
tD
Output duty cycle
45
50
55
%
* See the PCLK Selection Table for PCLK Frequency
** tLH and tHL are measured into a capacitive load of 15pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com