Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM3P2856A Datasheet(PDF) 3 Page - PulseCore Semiconductor

Part # ASM3P2856A
Description  Custom Clock generator for LCD Projector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM3P2856A Datasheet(HTML) 3 Page - PulseCore Semiconductor

  ASM3P2856A Datasheet HTML 1Page - PulseCore Semiconductor ASM3P2856A Datasheet HTML 2Page - PulseCore Semiconductor ASM3P2856A Datasheet HTML 3Page - PulseCore Semiconductor ASM3P2856A Datasheet HTML 4Page - PulseCore Semiconductor ASM3P2856A Datasheet HTML 5Page - PulseCore Semiconductor ASM3P2856A Datasheet HTML 6Page - PulseCore Semiconductor ASM3P2856A Datasheet HTML 7Page - PulseCore Semiconductor ASM3P2856A Datasheet HTML 8Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ASM3P2856A
November 2006
ASM3P2856B
rev 0.1
Notice: The information in this document is subject to change without notice.
Custom Clock generator for LCD Project
3 of 8
Input & Output Clock Frequency Table
Input
Frequency
Output Frequencies
Frequency Accuracy of
synthesized clocks
CLK1
27.002 MHz
±20 ppm
CLK2
14.7456 MHz
Zero ppm
CLK3
65 MHz Non- Spread clock
±15 ppm
CLK4
65 MHz Spread Spectrum Clock
(+/-0.5 or +/- 1%)
±15 ppm
14.7456 MHz
CLK5
65 MHz Spread Spectrum Clock
(+/-0.5 or +/-1%)
±15 ppm
Spread Selection Table
SS%
Spread Percentage
0
± 1.0%
1
± 1.5%
Typical Application Schematic for LCD Projector
14.7456 MHz
fundamental
Crystal
+ 3.3V
0.1uF
CLK4
XOUT
XIN
VDD
16
15
14
5
1
2
3
4
ASM3P2856B
CLK1
CLK3
5
6
7
8
9
10
11
12
13
VDD
GND
GND
CLK2
CLK5
SS%
SSON
GND
NC
VDD
+ 3.3V
Make SSON Pin
HIGH to enable
Spread Spectrum
SS% Pin selects
different Spread
deviations
27.002MHz Clock
14.7456MHz Clock
65MHz Clock
65MHz SS Clock
65MHz SS Clock



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com