Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM3P2855B Datasheet(PDF) 3 Page - PulseCore Semiconductor

Part # ASM3P2855B
Description  Custom Clock Generator for Fax System
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM3P2855B Datasheet(HTML) 3 Page - PulseCore Semiconductor

  ASM3P2855B Datasheet HTML 1Page - PulseCore Semiconductor ASM3P2855B Datasheet HTML 2Page - PulseCore Semiconductor ASM3P2855B Datasheet HTML 3Page - PulseCore Semiconductor ASM3P2855B Datasheet HTML 4Page - PulseCore Semiconductor ASM3P2855B Datasheet HTML 5Page - PulseCore Semiconductor ASM3P2855B Datasheet HTML 6Page - PulseCore Semiconductor ASM3P2855B Datasheet HTML 7Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
August 2007
ASM3P2855B
rev 0.3
Notice: The information in this document is subject to change without notice.
Custom Clock Generator for Fax System
3 of 7
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VDD,
VDD_FOUT
Power Supply Voltage relative to GND
-0.5 to +4.6
VIN
Input Voltage relative to GND (Input Pins)
-0.5 to VDD+0.5
V
TSTG
Storage temperature
-65 to +125
°C
Ts
Max. Soldering Temperature (10 sec)
260
°C
TJ
Junction Temperature
150
°C
TDV
Static Discharge Voltage
(As per JEDEC STD22- A114-B)
2
KV
Note: These are stress ratings only and are not implied for functional use. Exposure to absolute maximum ratings for prolonged periods of time may affect
device reliability.
Recommended Operating Conditions
Symbol
Parameter
Min
Typ
Max
Units
TA
Operating Temperature
0
+70
°C
VDD
Core Voltage
+3.0
+3.3
+3.6
V
VDD_FOUT
Output Voltage
+3.0
+3.3
+3.6
V
DC Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
VIL
Input low voltage
GND - 0.3
0.8
V
VIH
Input high voltage
2.0
VDD + 0.3
V
IIL
Input low current
-35
µA
IIH
Input high current
35
µA
IXOL
XOUT output low current (VXOL@0.4V, VDD=3.3V)
3
mA
IXOH
XOUT output high current (VXOH@2.5V, VDD=3.3V)
3
mA
VOL
Output low voltage (VDD = 3.3V, IOL = 10mA)
0.4
V
VOH
Output high voltage (VDD = 3.3V, IOH = 10mA)
2.5
V
IDD
Static supply current*
10
mA
ICC
Dynamic supply current ( VDD =3.3V)
28
mA
VDD
Operating Voltage
3.0
3.3
3.6
V
VDD_FOUT
Operating Voltage
3.0
3.3
3.6
V
tON
Power-up time (first locked cycle after power-up)
5
mS
ZOUT
Output impedance
29
Ω
* XIN is pulled low



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com