Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM3I2811AF-08SR Datasheet(PDF) 2 Page - PulseCore Semiconductor

Part # ASM3I2811AF-08SR
Description  Low Power EMI Reduction IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM3I2811AF-08SR Datasheet(HTML) 2 Page - PulseCore Semiconductor

  ASM3I2811AF-08SR Datasheet HTML 1Page - PulseCore Semiconductor ASM3I2811AF-08SR Datasheet HTML 2Page - PulseCore Semiconductor ASM3I2811AF-08SR Datasheet HTML 3Page - PulseCore Semiconductor ASM3I2811AF-08SR Datasheet HTML 4Page - PulseCore Semiconductor ASM3I2811AF-08SR Datasheet HTML 5Page - PulseCore Semiconductor ASM3I2811AF-08SR Datasheet HTML 6Page - PulseCore Semiconductor ASM3I2811AF-08SR Datasheet HTML 7Page - PulseCore Semiconductor ASM3I2811AF-08SR Datasheet HTML 8Page - PulseCore Semiconductor ASM3I2811AF-08SR Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ASM3P2811A/B
ASM3P2812A/B
November 2006
ASM3P2814A/B
rev 1.5
Low Power EMI Reduction IC
2 of 11
Notice: The information in this document is subject to change without notice.
Block Diagram
Pin Configuration
Pin Description
Pin#
Pin Name
Type
Description
1
XIN
I
Crystal connection or external frequency input. This pin has dual functions. It can
be connected to either an external crystal or an external reference clock.
2
VSS
P
Ground to entire chip.
3
D_C
I
Digital logic input used to select Down (LOW) or Center (HIGH) spread options.
(Refer Output Frequency Deviation and Spread Option Selection Table).
This pin has an internal pull-up resistor.
4
SRS
I
Spread range select. Digital logic input used to select frequency deviation
(Refer Output Frequency Deviation and Spread Option Selection Table).
This pin has an internal pull-up resistor.
5
ModOUT
O
Spread spectrum clock output
6
FRS
I
Frequency range select. Digital logic input used to select Input frequency range
(Refer Input/Output Frequency Range Selection Table).
This pin has an internal pull-up resistor.
7
VDD
P
Power supply for the entire chip.
8
XOUT
O
Crystal connection. Output connection for an external crystal. If using an external
reference, this pin must be left unconnected.
VSS
XIN
Crystal
Oscillator
Frequency
Divider
Feedback
Divide
Modulation
Phase
Detector
Loop
Filter
VCO
Output
Divider
ModOUT
PLL
VDD
D_C SRS FRS
XOUT
1
2
3
4
5
6
7
8
FRS
XOUT
ModOUT
XIN
VSS
D_C
SRS
VDD
P2811A/B
P2812A/B
P2814A/B



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com