Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM3I2811AF-08ST Datasheet(PDF) 3 Page - PulseCore Semiconductor

Part # ASM3I2811AF-08ST
Description  Low Power EMI Reduction IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM3I2811AF-08ST Datasheet(HTML) 3 Page - PulseCore Semiconductor

  ASM3I2811AF-08ST Datasheet HTML 1Page - PulseCore Semiconductor ASM3I2811AF-08ST Datasheet HTML 2Page - PulseCore Semiconductor ASM3I2811AF-08ST Datasheet HTML 3Page - PulseCore Semiconductor ASM3I2811AF-08ST Datasheet HTML 4Page - PulseCore Semiconductor ASM3I2811AF-08ST Datasheet HTML 5Page - PulseCore Semiconductor ASM3I2811AF-08ST Datasheet HTML 6Page - PulseCore Semiconductor ASM3I2811AF-08ST Datasheet HTML 7Page - PulseCore Semiconductor ASM3I2811AF-08ST Datasheet HTML 8Page - PulseCore Semiconductor ASM3I2811AF-08ST Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ASM3P2811A/B
ASM3P2812A/B
November 2006
ASM3P2814A/B
rev 1.5
Low Power EMI Reduction IC
3 of 11
Notice: The information in this document is subject to change without notice.
Input/Output Frequency Range Selection Table
Part Number
ASM3P2811 (1X)
ASM3P2812 (2X)
ASM3P2814 (4X)
FRS (pin 6)
Input
(MHz)
Output
(MHz)
Input
(MHz)
Output
(MHz)
Input
(MHz)
Output
(MHz)
Modulation Rate
0
10-20
10-20
10-20
20-40
10-20
40-80
Input Frequency / 448
1
20-40
20-40
20-40
40-80
20-40
80-160
Input Frequency / 896
Output Frequency Deviation and Spread Option Selection Table
Part Number
D_C (pin 3)
SRS (pin 4)
Output frequency deviation and
spread Option
0
0
-2.50% (Down)
0
1
-3.50% (Down)
1
0
± 1.25% (Center)
ASM3P28XXA
1
1
±1.75% (Center)
0
0
-1.25% (Down)
0
1
-1.75% (Down)
1
0
± 0.625% (Center)
ASM3P28XXB
1
1
± 0.875% (Center)
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VDD, VIN
Voltage on any pin with respect to Ground
-0.5 to +4.6
V
TSTG
Storage temperature
-65 to +125
°C
TA
Operating temperature
-40 to 85
°C
Ts
Max. Soldering Temperature (10 sec)
260
°C
TJ
Junction Temperature
150
°C
TDV
Static Discharge Voltage
(As per JEDEC STD 22- A114-B)
2
KV
Note: These are stress ratings only and are not implied for functional use. Exposure to absolute maximum ratings for prolonged periods of time may affect
device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com