Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM3P4200A Datasheet(PDF) 3 Page - PulseCore Semiconductor

Part # ASM3P4200A
Description  Multi-Output Custom Clock Generator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM3P4200A Datasheet(HTML) 3 Page - PulseCore Semiconductor

  ASM3P4200A Datasheet HTML 1Page - PulseCore Semiconductor ASM3P4200A Datasheet HTML 2Page - PulseCore Semiconductor ASM3P4200A Datasheet HTML 3Page - PulseCore Semiconductor ASM3P4200A Datasheet HTML 4Page - PulseCore Semiconductor ASM3P4200A Datasheet HTML 5Page - PulseCore Semiconductor ASM3P4200A Datasheet HTML 6Page - PulseCore Semiconductor ASM3P4200A Datasheet HTML 7Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
July 2006
ASM3P4200A
rev 0.2
Multi-Output Custom Clock Generator
3 of 7
Notice: The information in this document is subject to change without notice.
Pin Description
Pin #
Pin Name
Pin Type
Pin Description
1
XIN / CLK
Input
Crystal connection or external reference frequency input. It can be connected to
a 20MHz Fundamental mode crystal or to an external reference clock.
2
VCC
Power
Connect to +3.3V.
3
CLK1
Output
Clock Output. Refer to the Output Frequency Selection Table for details.
4
S1
Input
Select Bit for Desired Output Frequency at different output pins. Refer to the
Output Frequency Selection Table for details. Has an internal pull down resistor
5
S0
Input
Select Bit for Desired Output Frequency at different output pins. Refer to the
Output Frequency Selection Table for details. Has an internal pull down resistor
6
VCC
Power
Connect to +3.3V.
7
CLK2
Output
Clock Output. Refer to the Output Frequency Selection Table for details.
8
VCC
Power
Connect to +3.3V.
9
CLK3
Output
Clock Output. Refer to the Output Frequency Selection Table for details.
10
VCC
Power
Connect to +3.3V.
11
GND
Power
Connect to ground.
12
CLK4
Output
Clock Output. Refer to the Output Frequency Selection Table for details.
13
VCC
Power
Connect to +3.3V.
14
CLK5
Output
Clock Output. Refer to the Output Frequency Selection Table for details.
15
GND
Power
Connect to ground.
16
VCC
Power
Connect to +3.3V.
17
CLK6
Output
Clock Output. Refer to the Output Frequency Selection Table for details.
18
GND
Power
Connect to ground.
19
CLK7
Output
Clock Output. Refer to the Output Frequency Selection Table for details.
20
GND
Power
Connect to ground.
21
CLK8
Output
Spread Spectrum Clock Output. Refer to the Output Frequency Selection Table
for details.
22
GND
Power
Connect to ground.
23
VCC
Power
Connect to +3.3V.
24
CLK9
Output
Spread Spectrum Clock Output. Refer to the Output Frequency Selection Table
for details.
25
S2
Input
Select Bit for Desired Output Frequency at different output pins. Refer to the
Output Frequency Selection Table for details. Has an internal pull down resistor
26
OE
Input
Output Enable bit. When this pin is made HIGH, the output clocks are enabled.
Has an Internal pull-up resistor
27
GND
Power
Connect to ground.
28
XOUT
Output
Crystal connection. If an external reference clock is used, this pin must be left
unconnected.
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VDD
Power Supply Voltage relative to Ground
-0.5 to +4.6
VIN
Input Voltage relative to Ground (Input Pins)
-0.5 to VDD+0.3
V
TSTG
Storage temperature
-65 to +150
°C
TA
Operating temperature
-20 to +85
°C
Ts
Max. Soldering Temperature (10 sec)
260
°C
TJ
Junction Temperature
125
°C
TDV
Static Discharge Voltage (As per JEDEC STD22- A114-B)
2
KV
Note: These are stress ratings only and are not implied for functional use. Exposure to absolute maximum ratings for prolonged periods of time may affect
device reliability.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com