Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASMP5P23S04A Datasheet(PDF) 5 Page - PulseCore Semiconductor

Part # ASMP5P23S04A
Description  3.3V ?쁓preadTrak??Zero Delay Buffer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASMP5P23S04A Datasheet(HTML) 5 Page - PulseCore Semiconductor

  ASMP5P23S04A Datasheet HTML 1Page - PulseCore Semiconductor ASMP5P23S04A Datasheet HTML 2Page - PulseCore Semiconductor ASMP5P23S04A Datasheet HTML 3Page - PulseCore Semiconductor ASMP5P23S04A Datasheet HTML 4Page - PulseCore Semiconductor ASMP5P23S04A Datasheet HTML 5Page - PulseCore Semiconductor ASMP5P23S04A Datasheet HTML 6Page - PulseCore Semiconductor ASMP5P23S04A Datasheet HTML 7Page - PulseCore Semiconductor ASMP5P23S04A Datasheet HTML 8Page - PulseCore Semiconductor ASMP5P23S04A Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
November 2006
ASM5P23S04A
rev 1.4
3.3 ‘SpreadTrak’ Zero Delay Buffer
5 of 15
Notice: The information in this document is subject to change without notice.
Electrical Characteristics for ASM5P23S04A Commercial Temperature Devices
Parameter
Description
Test Conditions
Min
Max
Unit
VIL
Input LOW Voltage
0.8
V
VIH
Input HIGH Voltage
2.0
V
IIL
Input LOW Current
VIN = 0V
50.0
µA
IIH
Input HIGH Current
VIN = VDD
100.0
µA
VOL
Output LOW Voltage
4
IOL = 8mA (-1, -2)
IOH = 12mA (-1H, -2H)
0.4
V
VOH
Output HIGH Voltage
4
IOL = -8mA (-1, -2)
IOH = -12mA (-1H, -2H)
2.4
V
TBD
Unloaded outputs 100MHz REF,
Select inputs at VDD or GND
TBD
Unloaded outputs, 66MHz REF
(-1, -2)
TBD
IDD
Supply Current
Unloaded outputs, 33MHz REF
(-1, -2)
TBD
mA
Note:
4. Parameter is guaranteed by design and characterization. Not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com