Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P2180 Datasheet(PDF) 7 Page - PulseCore Semiconductor

Part # P2180
Description  Peak Reducing EMI Solution
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

P2180 Datasheet(HTML) 7 Page - PulseCore Semiconductor

  P2180 Datasheet HTML 1Page - PulseCore Semiconductor P2180 Datasheet HTML 2Page - PulseCore Semiconductor P2180 Datasheet HTML 3Page - PulseCore Semiconductor P2180 Datasheet HTML 4Page - PulseCore Semiconductor P2180 Datasheet HTML 5Page - PulseCore Semiconductor P2180 Datasheet HTML 6Page - PulseCore Semiconductor P2180 Datasheet HTML 7Page - PulseCore Semiconductor P2180 Datasheet HTML 8Page - PulseCore Semiconductor P2180 Datasheet HTML 9Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Low EMI Clock for Mobile VGA
7 of 9
November 2006
P2180 / 81 / 82 / 83 / 84
rev 1.1
Notice: The information in this document is subject to change without notice.
Ordering Information
Part number
Marking
Package Type
Temperature
P218XxF-08-ST
P2181XxF
8-Pin SOIC, Tube, Pb Free
Commercial
P218XxF-08-SR
P2181XxF
8-Pin SOIC, Tape and Reel, Pb Free
Commercial
P218XxF-08-TT
P2181XxF
8-Pin TSSOP, Tube, Pb Free
Commercial
P218XxF-08-TR
P2181XxF
8-Pin TSSOP, Tape and Reel, Pb Free
Commercial
P218XxG-08-ST
P2181XxG
8-Pin SOIC, Tube, Green
Commercial
P218XxG-08-SR
P2181XxG
8-Pin SOIC, Tape and Reel, Green
Commercial
P218XxG-08-TT
P2181XxG
8-Pin TSSOP, Tube, Green
Commercial
P218XxG-08-TR
P2181XxG
8-Pin TSSOP, Tape and Reel, Green
Commercial
Note: X= 0 / 1 / 2 / 3 / 4
x= A / B / C / D
Device Ordering Information
P 2 1 8 X x
F - 08 ST
SR - SOIC, T/R
TT – TSSOP, TUBE
TR - TSSOP, T/R
ST – SOIC, TUBE
DEVICE NUMBER
F = LEAD FREE AND RoHS COMPLIANT PART
G = GREEN PACKAGE, LEAD FREE, and RoHS
P = Commercial Temperature Range (0°C to 70°C)
I = Industrial Temperature Range (-40°C to 85°C)
Deviation (%) and Spread option Identifier
DEVICE PIN COUNT



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com