Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPIC1504 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPIC1504
Description  QUAD AND HEX POWER DMOS ARRAY
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC1504 Datasheet(HTML) 3 Page - Texas Instruments

  TPIC1504 Datasheet HTML 1Page - Texas Instruments TPIC1504 Datasheet HTML 2Page - Texas Instruments TPIC1504 Datasheet HTML 3Page - Texas Instruments TPIC1504 Datasheet HTML 4Page - Texas Instruments TPIC1504 Datasheet HTML 5Page - Texas Instruments TPIC1504 Datasheet HTML 6Page - Texas Instruments TPIC1504 Datasheet HTML 7Page - Texas Instruments TPIC1504 Datasheet HTML 8Page - Texas Instruments TPIC1504 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
TPIC1504
QUAD AND HEX POWER DMOS ARRAY
SLIS057 – OCTOBER 1996
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics, Q1A, Q1B, Q2A, Q2B, TC = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)DSX
Drain-to-source breakdown voltage
ID = 250 µA,
VGS = 0
20
V
VGS(th)
Gate-to-source threshold voltage
ID = 1 mA,
See Figure 5
VDS = VGS,
1.5
1.9
2.2
V
VGS(th)match Gate-to-source threshold voltage matching
ID = 1 mA,
VDS = VGS
40
mV
V(BR)
Reverse drain-to-GND breakdown voltage
Drain-to-GND current = 250
µA
(D1, D2)
20
V
V(BR)GS
Gate-to-source threshold breakdown voltage,
Q2C
IGS = 100 µA
6
V
V(BR)SG
Source-to-gate breakdown voltage, Q2C
ISG = 100 µA
0.5
V
V(DS)on
Drain-to-source on-state voltage
ID = 1.5 A,
VGS = 10 V,
See Notes 3 and 4
0.375
0.45
V
VF
Forward on-state voltage, GND-to-VDD1,
GND-to-VDD2
ID = 1.5 A (D1, D2)
See Notes 3 and 4
1.7
V
VF(SD)
Forward on-state voltage, source-to-drain
IS = 1.5 A,
VGS = 0,
See Notes 3 and 4 and Figure 19
0.85
1.2
V
IDSS
Zero gate voltage drain current
VDS = 16 V,
TC = 25°C
0.05
1
µA
IDSS
Zero-gate-voltage drain current
DS
,
VGS = 0
TC = 125°C
0.5
10
µA
IGSSF
Forward gate current, drain short-circuited
to source
VGS = 16 V,
VDS = 0
10
100
nA
IGSSR
Reverse gate current, drain short-circuited
to source
VSG = 0.5 V,
VDS = 0
10
100
nA
Ilk
Leakage current, VDD1-to-GND, VDD2-to-GND,
VDGND =16V
TC = 25°C
0.05
1
µA
Ilkg
g,
DD1
,
DD2
,
gate shorted to source
VDGND = 16 V
TC = 125°C
0.5
10
µA
rDS( )
Static drain to source on state resistance
VGS = 10 V,
ID = 1.5 A,
TC = 25°C
0.25
0.3
Ω
rDS(on)
Static drain-to-source on-state resistance
D
,
See Notes 3 and 4
and Figure 9
TC = 125°C
0.4
0.475
Ω
gfs
Forward transconductance
VDS = 14 V,
ID = 750 mA,
See Notes 3 and 4 and Figure 13
0.8
1.2
S
Ciss
Short-circuit input capacitance, common source
99
Coss
Short-circuit output capacitance, common source
VDS = 14 V,
VGS = 0,
81
pF
Crss
Short-circuit reverse transfer capacitance,
common source
f = 1 MHz,
See Figure 17
59
F
αs
Sense-FET drain current ratio
VDS = 6 V,
ID(Q2C) = 40 µA
100
150
200
NOTES:
3. Technique should limit TJ – TC to 10°C maximum.
4. These parameters are measured with voltage-sensing contacts separate from the current-carrying contacts.
source-to-drain diode characteristics, Q1A, Q2A, TC = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
trr
Reverse-recovery time
IS = 750 mA,
VDS =14V
VGS = 0,
di/dt = 100 A/
µs
18
ns
QRR
Total diode charge
VDS = 14 V,
See Figures 1 and 23
di/dt = 100 A/
µs,
13
nC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com