Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCS1P2857B Datasheet(PDF) 3 Page - PulseCore Semiconductor

Part # PCS1P2857B
Description  Multi-Output Clock Generator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS1P2857B Datasheet(HTML) 3 Page - PulseCore Semiconductor

  PCS1P2857B Datasheet HTML 1Page - PulseCore Semiconductor PCS1P2857B Datasheet HTML 2Page - PulseCore Semiconductor PCS1P2857B Datasheet HTML 3Page - PulseCore Semiconductor PCS1P2857B Datasheet HTML 4Page - PulseCore Semiconductor PCS1P2857B Datasheet HTML 5Page - PulseCore Semiconductor PCS1P2857B Datasheet HTML 6Page - PulseCore Semiconductor PCS1P2857B Datasheet HTML 7Page - PulseCore Semiconductor PCS1P2857B Datasheet HTML 8Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
September 2006
PCS1P2857A/B
rev 0.1
Multi-Output Clock Generator
3 of 8
Notice: The information in this document is subject to change without notice.
DC Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
VIL
Input low voltage
GND - 0.3
-
0.8
V
VIH
Input high voltage
2.0
-
VDD + 0.3
V
IIL
Input low current
-
-
-35
µA
IIH
Input high current
-
-
35
µA
VOL
Output low voltage (VDD = 3.3V, IOL =12mA)
-
-
0.4
V
VOH
Output high voltage (VDD = 3.3V, IOH =12mA)
2.4
-
-
V
IDD
Static supply current
-
TBD
-
mA
ICC
Dynamic supply current ( VDD =3.3V )
-
TBD
-
mA
VDD
Operating Voltage
3.135
3.3
3.465
V
ZOUT
Output Impedance
-
20
-
Ω
CIN
Input Capacitance
-
5
-
pF
RPD
CLK outputs Internal resistor
-
360
-
kΩ
AC Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
CLKIN
Input frequency
-
27
-
MHz
-
27
-
MHz
-
24
-
MHz
PCS1P2857A
-
14.31818
-
MHz
-
27
-
MHz
-
24
-
MHz
CLK OUT
Output frequency
PCS1P2857B
-
28.322
-
MHz
tLH*
Output rise time (Measured from 0.8V to 2.0V)
0.8
1.4
2.0
nS
tHL *
Output fall time ( Measured from 2.0V to 0.8V)
0.8
1.4
2.0
nS
tJC *
Jitter (Cycle to cycle)
-
TBD
-
pS
14.31818MHz
-
-0.13
-
ppm
PCS1P2857A
Other outputs
-
0
-
ppm
28.322MHz
-
5.68
-
ppm
Synthesis Error
(Output Frequency)
PCS1P2857B
Other outputs
-
0
-
ppm
tD *
Output duty cycle
40
50
60
%
tON
Power up Time (first locked cycle after power-up)
-
3
5
mS
*tLH and tHL are measured into a capacitive load of 15pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com