Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM1233M-3F Datasheet(PDF) 8 Page - PulseCore Semiconductor

Part # ASM1233M-3F
Description  Low Power, 5V/3.3V, 關P Reset, Active LOW, Open-Drain Output
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM1233M-3F Datasheet(HTML) 8 Page - PulseCore Semiconductor

Back Button ASM1233M-3F Datasheet HTML 3Page - PulseCore Semiconductor ASM1233M-3F Datasheet HTML 4Page - PulseCore Semiconductor ASM1233M-3F Datasheet HTML 5Page - PulseCore Semiconductor ASM1233M-3F Datasheet HTML 6Page - PulseCore Semiconductor ASM1233M-3F Datasheet HTML 7Page - PulseCore Semiconductor ASM1233M-3F Datasheet HTML 8Page - PulseCore Semiconductor ASM1233M-3F Datasheet HTML 9Page - PulseCore Semiconductor ASM1233M-3F Datasheet HTML 10Page - PulseCore Semiconductor ASM1233M-3F Datasheet HTML 11Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8 of 11
Notice: The information in this document is subject to change without notice
Low Power, 5V/3.3V, µP Reset, Active LOW, Open-Drain Output
rev 1.4
November 2006
ASM1233D-L/D/M
Plastic SO-8 (8-Pin)
Dimensions in Inches
Dimensions in Millimeters
Min
Max
Min
Max
Plastic SO-8 (8-Pin)
A
0.053
0.069
1.35
1.75
A1
0.004
0.010
0.10
0.25
A2
0.049
0.059
1.25
1.50
B
0.012
0.020
0.31
0.51
C
0.007
0.010
0.18
0.25
D
0.193 BSC
4.90 BSC
E
0.154 BSC
3.91 BSC
e
0.050 BSC
1.27 BSC
H
0.236 BSC
6.00 BSC
L
0.016
0.050
0.41
1.27
θ
0°
8°
0°
8°
E
H
D
A1
A2
A
θ
L
C
B
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com