Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCS3P2189A Datasheet(PDF) 1 Page - PulseCore Semiconductor

Part # PCS3P2189A
Description  Spread Spectrum Clock Generator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS3P2189A Datasheet(HTML) 1 Page - PulseCore Semiconductor

  PCS3P2189A Datasheet HTML 1Page - PulseCore Semiconductor PCS3P2189A Datasheet HTML 2Page - PulseCore Semiconductor PCS3P2189A Datasheet HTML 3Page - PulseCore Semiconductor PCS3P2189A Datasheet HTML 4Page - PulseCore Semiconductor PCS3P2189A Datasheet HTML 5Page - PulseCore Semiconductor PCS3P2189A Datasheet HTML 6Page - PulseCore Semiconductor PCS3P2189A Datasheet HTML 7Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
May 2008
PCS3P2189A
rev 0.2
Notice: The information in this document is subject to change without notice.
PulseCore Semiconductor Corporation
1715 S. Bascom Ave Suite 200, Campbell, CA 95008
• Tel: 408-879-9077 • Fax: 408-879-9018
www.pulsecoresemi.com
Spread Spectrum Clock Generator
Features
•
Generates a 4X low EMI spread spectrum clock of
the input frequency.
•
Input frequency: 10MHz - 25MHz
•
Output frequency: 40MHz - 100MHz
•
Internal loop filter minimizes external components
and board space.
•
Selectable Centre Spread frequency deviation:
±0.5%, ± 1.0%, ± 1.5%, ± 2.0%
•
Supply Voltage :3.3V ± 0.3V
•
Commercial and Industrial temperature range
•
8-pin TSSOP Package
•
Low power CMOS process
Product Description
PCS3P2189A is a versatile spread spectrum frequency
modulator that generates a low EMI 4x clock at the
output. PCS3P2189A offers four
selectable centre
spread options of ±0.5%,±1.0%,±1.5%,±2.0%,(Refer
Spread
Deviation
Selection
Tabnle).
PCS3P2189A
reduces electromagnetic interference (EMI) at the clock
source, allowing system wide reduction of EMI of all
clock
dependent signals. The PCS3P2189A allows
significant system cost savings by reducing the number
of circuit board layers, ferrite beads, and shielding that
are traditionally required to pass EMI regulations.
PCS3P2189A has spread spectrum ON/OFF option.
The PCS3P2189A uses the most efficient and optimized
modulation profile approved by the FCC and is
implemented in a proprietary all digital method.
Application
PCS3P2189A is targetted for LCD panel application
Block Diagram
ModOUT
CLKIN / XIN
VSS
Frequency
Divider
Feedback
Divider
Modulation
Phase
Detector
Loop
Filter
VCO
Output
Divider
PLL
VDD
XOUT
Crystal
Oscillator
S0
SSON
S1


Similar Part No. - PCS3P2189A

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS3P2189A PULSECORE-PCS3P2189A Datasheet
323Kb / 7P
Spread Spectrum Clock Generator
logo
ON Semiconductor
PCS3P2189A ONSEMI-PCS3P2189A Datasheet
115Kb / 6P
Spread Spectrum Clock Generator
August, 2011 ??Rev. P2
logo
PulseCore Semiconductor
PCS3P2189AG-08TR PULSECORE-PCS3P2189AG-08TR Datasheet
323Kb / 7P
Spread Spectrum Clock Generator
logo
ON Semiconductor
PCS3P2189AG-08TR ONSEMI-PCS3P2189AG-08TR Datasheet
115Kb / 6P
Spread Spectrum Clock Generator
August, 2011 ??Rev. P2
logo
PulseCore Semiconductor
PCS3P2189AG-08TT PULSECORE-PCS3P2189AG-08TT Datasheet
323Kb / 7P
Spread Spectrum Clock Generator
More results

Similar Description - PCS3P2189A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
Spread Spectrum Clock Generator
logo
fujitsu semiconductor
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
Spread Spectrum Clock Generator
MB88154 FUJITSU-MB88154 Datasheet
151Kb / 18P
Spread Spectrum Clock Generator
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
Spread Spectrum Clock Generator
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
Spread Spectrum Clock Generator
logo
fujitsu semiconductor
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
Spread Spectrum Clock Generator
logo
Integrated Device Techn...
IDT5V50009 IDT-IDT5V50009 Datasheet
181Kb / 8P
SPREAD SPECTRUM CLOCK GENERATOR
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Cypress Semiconductor
MB88151A CYPRESS-MB88151A Datasheet
568Kb / 27P
Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com