Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCS5I961C Datasheet(PDF) 2 Page - PulseCore Semiconductor

Part # PCS5I961C
Description  Low Voltage Zero Delay Buffer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS5I961C Datasheet(HTML) 2 Page - PulseCore Semiconductor

  PCS5I961C Datasheet HTML 1Page - PulseCore Semiconductor PCS5I961C Datasheet HTML 2Page - PulseCore Semiconductor PCS5I961C Datasheet HTML 3Page - PulseCore Semiconductor PCS5I961C Datasheet HTML 4Page - PulseCore Semiconductor PCS5I961C Datasheet HTML 5Page - PulseCore Semiconductor PCS5I961C Datasheet HTML 6Page - PulseCore Semiconductor PCS5I961C Datasheet HTML 7Page - PulseCore Semiconductor PCS5I961C Datasheet HTML 8Page - PulseCore Semiconductor PCS5I961C Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
November 2006
PCS5I961C
rev 0.3
Low Voltage Zero Delay Buffer
2 of 14
Notice: The information in this document is subject to change without notice.
Pin Configuration
c
Figure 2. PCS5I961C 32-Lead Package Pinout (Top View)
Table 1: Pin Configuration
Pin #
Pin Name
I/O
Type
Function
2
CCLK
Input
LVCMOS
PLL reference clock signal
7
FB_IN
Input
LVCMOS
PLL feedback signal input, connect to a
QFB output
4
F_RANGE
Input
LVCMOS
PLL frequency range select
6
OE
Input
LVCMOS
Output enable/disable
31,30,29,27,26,25,23,22,21,
19,18,17,15,14,13,11,10
Q0 - Q16
Output
LVCMOS
Clock outputs
9
QFB
Output
LVCMOS
PLL feedback signal output, connect to a
FB_IN
1,12,20,28
GND
Supply
Ground
Negative power supply
5
VCCA
Supply
VCC
PLL positive power supply (analog power
supply). The PCS5I961C requires an
external RC filter for the analog power
supply pin VCCA. Please see applications
section for details.
8,16,24,32
VCC
Supply
VCC
Positive power supply for I/O and core
3
NC
Not connected
25
26
27
28
29
30
31
32
24 23 22 21 20 19 18 17
1
2
3
4
5
6 7
8
16
15
14
13
12
11
10
9
Q4
Q3
GND
Q2
Q1
Q0
VCC
Q5
Q15
GND
Q14
Q13
Q12
VCC
Q16
QFB
PCS5I961C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com