Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPIC44L03DB Datasheet(PDF) 6 Page - Texas Instruments

Part # TPIC44L03DB
Description  4-CHANNEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC44L03DB Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPIC44L03DB Datasheet HTML 2Page - Texas Instruments TPIC44L03DB Datasheet HTML 3Page - Texas Instruments TPIC44L03DB Datasheet HTML 4Page - Texas Instruments TPIC44L03DB Datasheet HTML 5Page - Texas Instruments TPIC44L03DB Datasheet HTML 6Page - Texas Instruments TPIC44L03DB Datasheet HTML 7Page - Texas Instruments TPIC44L03DB Datasheet HTML 8Page - Texas Instruments TPIC44L03DB Datasheet HTML 9Page - Texas Instruments TPIC44L03DB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
TPIC44L01, TPIC44L02, TPIC44L03
4-CHANNEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
SLIS062A – NOVEMBER 1996 – REVISED SEPTEMBER 1997
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IBAT
Supply current, VBAT
All outputs off,
VBAT = 12 V
300
500
700
µA
ICC
Supply current, VCC
All outputs off,
VBAT = 5.5 V
1
2.6
4.2
mA
V(turnon)
Turn-on voltage, logic operational, VCC
Vbat = 5.5 V,
Check output functionality
2.6
3.5
4.4
V
V(ovsd)
Over-battery-voltage shutdown
Gate disabled
See Figure 16
32
34
36
V
Vhys(ov)
Over-battery-voltage reset hysteresis
Gate disabled,
See Figure 16
0.5
1
1.5
V
V(uvsd)
Under-battery-voltage shutdown,
(TPIC44L01/L02 only)
Gate disabled
See Figure 17
4.1
4.8
5.4
V
Vhys(uv)
Under-battery-voltage reset hysteresis,
(TPIC44L01/L02 only)
Gate disabled,
See Figure 17
100
200
300
mV
VG
Gate drive voltage
8 V < VBAT < 24,
IO = 100 µA
7
13.5
V
VG
Gate drive voltage
5.5 V < VBAT < 8 V, IO = 100 µA
5
7
V
IO(H)
Maximum current output for drive terminals,
pullup
VOUT = GND
0.5
1.2
2.5
mA
IO(L)
Maximum current output for drive terminals,
pulldown
VOUT = 7 V
0.5
1.2
2.5
mA
V(stb)
Short-to-battery/shorted-load/open-load
detection voltage
VCOMPEN = L
1.1
1.25
1.4
V
Vhys(stb)
Short-to-battery hysteresis
40
100
150
mV
VD(open)
Open-load off-state detection voltage threshold
VCOMPEN = L
1.1
1.25
1.4
V
Vhys(open)
Open-load hysteresis
40
100
150
mV
II(open)
Open-load off-state detection current
30
60
80
µA
II(PU)
Input pullup current (CS)
VCC = 5 V,
VIN = 0
10
µA
II(PD)
Input pulldown current
VCC = 5 V,
VIN = 5 V
10
µA
Vhys
Input voltage hysteresis
VCC = 5 V
0.6
0.85
1.1
V
VO(SH)
High-level serial output voltage
IO = 1 mA
0.8 VCC
V
VO(SL)
Low-level serial output voltage
IO = 1 mA
0.1
0.4
V
IOZ(SD)
3-state current serial-data output
VCC = 0 to 5.5V
-10
1
10
µA
VO(CFLT)
Fault-interrupt output voltage
IO = 1 mA
0.1
0.5
V
VI(COMP)
Fault-external reference voltage
VCOMPEN = H
1
3
V
VC
Output clamp voltage, (TPIC44L01/L02 only)
dc < 1%,
tw = 100 µs
47
55
63
V
VC
Output clamp voltage, (TPIC44L03 only)
dc < 1%,
tw = 100 µs
47
53.5
60
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com