Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PB71-LBRR21 Datasheet(PDF) 1 Page - P-tec Corporation

Part # PB71-LBRR21
Description  13.97 x 7.49mm Rectangular Light Bar
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

PB71-LBRR21 Datasheet(HTML) 1 Page - P-tec Corporation

  PB71-LBRR21 Datasheet HTML 1Page - P-tec Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PB71 Series 13.97 x 7.49mm Rectangular Light Bar
Electrical & Optical Characteristics at TA = 25 °C
Part Number
Emitting
Color
Chip
Material
Dominant
Wave Length
Peak
Wave Length
Forward Voltage
@20mA (V)
Luminous Intensity
@20mA (mcd)
nm
nm
Typ
Max
Min
Typ
PB71-LBRR21
Deep Red
AlGaAs
643
660
1.8
2.2
9.0
20.0
Package Dimension are in Millimeters. Tolerance is ± 0.25mm unless otherwise specified.
Absolute Maximum Ratings at TA = 25 °C
Reverse Voltage (<100
μA)………………………………………................................... 4.0V
Max Forward Current ............................................................…...………...………..… 30mA
Peak Forward Current (1/10 Duty Cycle, 0.1ms Pulse Width)......…...…………..…...100mA
Operating Temperature Range... ....................................…….……...………..-25°C to +85°C
Storage Temperature Range…………………………………………………-40°C to +100°C
Soldering Temp….……...........................................…......…………..….260°C for 5 seconds
Power Dissipation …………………………………………………………………... 132mW
Features
Pin Functions
Pin #
Pin #
3 Anode
5 No
Connection
6 Anode
1 Cathode
2 No Pin
4 Cathode
06-02-08 Rev 2 RS
Tel:(800)688-0613
Tel:(719) 589 3122
Fax:(719) 589 3592
www.p-tec.net
sales@p-tec.net
P-tec Corp.
2405 Commerce Circle
Alamosa Co. 81101
*Light Bar with 2 AlGaAs Super Bright
Red Chips
*Uniform Light Output
*IC Compatible
*Red Diffused Surface
*White Housing
*RoHS Compliant
12.70
13.97
7.49
6.35
8.0
5.08
0.45
2.54x2=5.08
3.5Min.


Similar Part No. - PB71-LBRR21

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PB71-LBRR12 P-TEC-PB71-LBRR12 Datasheet
26Kb / 1P
13.97 x 7.49mm Rectangular Light Bar
More results

Similar Description - PB71-LBRR21

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTA-1000G LITEON-LTA-1000G Datasheet
129Kb / 5P
RECTANGULAR LIGHT BAR
logo
P-tec Corporation
PB71-LBRG13 P-TEC-PB71-LBRG13 Datasheet
26Kb / 1P
13.97 x 7.49mm Rectangular Light Bar
PB71-LBRR12 P-TEC-PB71-LBRR12 Datasheet
26Kb / 1P
13.97 x 7.49mm Rectangular Light Bar
PB71-LBRY01 P-TEC-PB71-LBRY01 Datasheet
26Kb / 1P
13.97 x 7.49mm Rectangular Light Bar
logo
Lite-On Technology Corp...
LTL-2885G LITEON-LTL-2885G Datasheet
317Kb / 5P
Rectangular light bar
LTL-2450Y LITEON-LTL-2450Y Datasheet
135Kb / 5P
RECTANGULAR LIGHT BAR
LTL-2685HR LITEON-LTL-2685HR Datasheet
143Kb / 5P
RECTANGULAR LIGHT BAR
LTL-2755Y LITEON-LTL-2755Y Datasheet
136Kb / 5P
RECTANGULAR LIGHT BAR
LTL-2800G LITEON-LTL-2800G Datasheet
139Kb / 5P
RECTANGULAR LIGHT BAR
LTL-57173HR LITEON-LTL-57173HR Datasheet
134Kb / 5P
RECTANGULAR LIGHT BAR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com