Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPIC6C596 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPIC6C596
Description  POWER LOGIC 8-BIT SHIFT REGISTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC6C596 Datasheet(HTML) 2 Page - Texas Instruments

  TPIC6C596 Datasheet HTML 1Page - Texas Instruments TPIC6C596 Datasheet HTML 2Page - Texas Instruments TPIC6C596 Datasheet HTML 3Page - Texas Instruments TPIC6C596 Datasheet HTML 4Page - Texas Instruments TPIC6C596 Datasheet HTML 5Page - Texas Instruments TPIC6C596 Datasheet HTML 6Page - Texas Instruments TPIC6C596 Datasheet HTML 7Page - Texas Instruments TPIC6C596 Datasheet HTML 8Page - Texas Instruments TPIC6C596 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TPIC6C596
POWER LOGIC 8-BIT SHIFT REGISTER
SLIS093 – MARCH 2000
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description (continued)
Outputs are low-side, open-drain DMOS transistors with output ratings of 33 V and 100 mA continuous
sink-current capability. Each output provides a 250-mA maximum current limit at TC = 25°C. The current limit
decreases as the junction temperature increases for additional device protection. The device also provides up
to 2500 V of ESD protection when tested using the human-body model and 200 V machine model.
The TPIC6C596 is characterized for operation over the operating case temperature range of – 40
°C to 125°C.
logic diagram (positive logic)
G
RCK
CLR
SRCK
SER IN
CLR
D
C1
D
C2
CLR
D
C1
SER OUT
CLR
D
C1
CLR
D
C1
CLR
D
C1
CLR
D
C1
CLR
D
C1
CLR
D
C1
D
C2
D
C2
D
C2
D
C2
D
C2
D
C2
D
C2
3
DRAIN0
4
DRAIN1
16
GND
5
DRAIN2
6
DRAIN3
11
DRAIN4
12
DRAIN5
13
DRAIN6
14
DRAIN7
8
7
2
10
15
9
CLR
CLR
CLR
CLR
CLR
CLR
CLR
CLR
CLR
D
C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com