Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS1120 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS1120
Description  DUAL P-CHANNEL ENHANCEMENT-MODE MOSFETS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS1120 Datasheet(HTML) 1 Page - Texas Instruments

  TPS1120 Datasheet HTML 1Page - Texas Instruments TPS1120 Datasheet HTML 2Page - Texas Instruments TPS1120 Datasheet HTML 3Page - Texas Instruments TPS1120 Datasheet HTML 4Page - Texas Instruments TPS1120 Datasheet HTML 5Page - Texas Instruments TPS1120 Datasheet HTML 6Page - Texas Instruments TPS1120 Datasheet HTML 7Page - Texas Instruments TPS1120 Datasheet HTML 8Page - Texas Instruments TPS1120 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TPS1120, TPS1120Y
DUAL P-CHANNEL ENHANCEMENT-MODE MOSFETS
SLVS080A – MARCH 1994 – REVISED AUGUST 1995
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Low rDS(on) . . . 0.18 Ω at VGS = –10 V
D 3-V Compatible
D Requires No External VCC
D TTL and CMOS Compatible Inputs
D VGS(th) = –1.5 V Max
D ESD Protection Up to 2 kV per
MIL-STD-883C, Method 3015
description
The TPS1120 incorporates two independent
p-channel enhancement-mode MOSFETs that
have been optimized, by means of the Texas
Instruments LinBiCMOS
™ process, for 3-V or 5-V
power distribution in battery-powered systems. With a maximum VGS(th) of –1.5 V and an IDSS of only 0.5 µA,
the TPS1120 is the ideal high-side switch for low-voltage portable battery-management systems, where
maximizing battery life is a primary concern. Because portable equipment is potentially subject to electrostatic
discharge (ESD), the MOSFETs have built-in circuitry for 2-kV ESD protection. End equipment for the TPS1120
includes notebook computers, personal digital assistants (PDAs), cellular telephones, bar-code scanners, and
PCMCIA cards. For existing designs, the TPS1120D has a pinout common with other p-channel MOSFETs in
small-outline integrated circuit SOIC packages.
The TPS1120 is characterized for an operating junction temperature range, TJ, from –40°C to 150°C.
AVAILABLE OPTIONS
PACKAGED DEVICES†
CHIP FORM
TJ
SMALL OUTLINE
(D)
CHIP FORM
(Y)
–40
°C to 150°C
TPS1120D
TPS1120Y
† The D package is available taped and reeled. Add an R suffix to device
type (e.g., TPS1120DR). The chip form is tested at 25
°C.
Caution. This device contains circuits to protect its inputs and outputs against damage due to high static voltages or electrostatic
fields. These circuits have been qualified to protect this device against electrostatic discharges (ESD) of up to 2 kV according to
MIL-STD-883C, Method 3015; however, it is advised that precautions be taken to avoid application of any voltage higher than
maximum-rated voltages to these high-impedance circuits.
LinBiCMS is a trademark of Texas Instruments Incorporated.
Copyright
© 1995, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
8
7
6
5
1SOURCE
1GATE
2SOURCE
2GATE
1DRAIN
1DRAIN
2DRAIN
2DRAIN
D PACKAGE
(TOP VIEW)


Similar Part No. - TPS1120

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS1120 TI2-TPS1120 Datasheet
301Kb / 17P
DUAL P-CHANNEL ENHANCEMENT-MODE MOSFETS
REVISED AUGUST 1995
TPS1120D TI1-TPS1120D Datasheet
379Kb / 15P
DUAL P-CHANNEL ENHANCEMENT-MODE MOSFETS
TPS1120D TI2-TPS1120D Datasheet
301Kb / 17P
DUAL P-CHANNEL ENHANCEMENT-MODE MOSFETS
REVISED AUGUST 1995
TPS1120D.A TI2-TPS1120D.A Datasheet
301Kb / 17P
DUAL P-CHANNEL ENHANCEMENT-MODE MOSFETS
REVISED AUGUST 1995
TPS1120D.B TI2-TPS1120D.B Datasheet
301Kb / 17P
DUAL P-CHANNEL ENHANCEMENT-MODE MOSFETS
REVISED AUGUST 1995
More results

Similar Description - TPS1120

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS1101 TI-TPS1101 Datasheet
161Kb / 10P
SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
logo
List of Unclassifed Man...
TD2001Y ETC1-TD2001Y Datasheet
88Kb / 2P
DUAL P-CHANNEL ENHANCEMENT-MODE MOSFETS
logo
Silicon Standard Corp.
SSM4955GM SSC-SSM4955GM Datasheet
521Kb / 5P
Dual P-channel Enhancement-mode Power MOSFETs
SSM4957 SSC-SSM4957 Datasheet
234Kb / 5P
DUAL P-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
SSM9930M SSC-SSM9930M Datasheet
343Kb / 8P
DUAL N- AND DUAL P-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
logo
Texas Instruments
TPS1120 TI1-TPS1120_08 Datasheet
379Kb / 15P
DUAL P-CHANNEL ENHANCEMENT-MODE MOSFETS
logo
Guilin Strong Micro-Ele...
GMS2301 GSME-GMS2301 Datasheet
268Kb / 3P
P-Channel Enhancement-Mode MOSFETs
logo
Dongguan City Niuhang E...
NH3401 NIUHANG-NH3401 Datasheet
2Mb / 3P
P-CHANNEL ENHANCEMENT-MODE MOSFETS
NH2305A NIUHANG-NH2305A Datasheet
3Mb / 9P
P-CHANNEL ENHANCEMENT-MODE MOSFETS
NH2301 NIUHANG-NH2301 Datasheet
3Mb / 8P
P-CHANNEL ENHANCEMENT-MODE MOSFETS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com