Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2042 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2042
Description  DUAL POWER-DISTRIBUTION SWITCHES
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2042 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS2042 Datasheet HTML 16Page - Texas Instruments TPS2042 Datasheet HTML 17Page - Texas Instruments TPS2042 Datasheet HTML 18Page - Texas Instruments TPS2042 Datasheet HTML 19Page - Texas Instruments TPS2042 Datasheet HTML 20Page - Texas Instruments TPS2042 Datasheet HTML 21Page - Texas Instruments TPS2042 Datasheet HTML 22Page - Texas Instruments TPS2042 Datasheet HTML 23Page - Texas Instruments TPS2042 Datasheet HTML 24Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
TPS2042, TPS2052
DUAL POWER-DISTRIBUTION SWITCHES
SLVS173A – AUGUST 1998 – REVISED APRIL 1999
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
generic hot-plug applications (see Figure 34)
In many applications it may be necessary to remove modules or pc boards while the main unit is still operating.
These are considered hot-plug applications. Such implementations require the control of current surges seen
by the main power supply and the card being inserted. The most effective way to control these surges is to limit
and slowly ramp the current and voltage being applied to the card, similar to the way in which a power supply
normally turns on. Due to the controlled rise times and fall times of the TPS2042 and TPS2052, these devices
can be used to provide a softer start-up to devices being hot-plugged into a powered system. The UVLO feature
of the TPS2042 and TPS2052 also ensures the switch will be off after the card has been removed, and the switch
will be off during the next insertion. The UVLO feature guarantees a soft start with a controlled rise time for every
insertion of the card or module.
Power
Supply
Block of
Circuitry
TPS2042
GND
IN
EN1
EN2
OC1
OUT1
OUT2
OC2
0.1
µF
1000
µF
Optimum
2.7 V to 5.5 V
PC Board
Overcurrent Response
Block of
Circuitry
Figure 34. Typical Hot-Plug Implementation
By placing the TPS2042 and TPS2052 between the VCC input and the rest of the circuitry, the input power will
reach these devices first after insertion. The typical rise time of the switch is approximately 2.5 ms, providing
a slow voltage ramp at the output of the device. This implementation controls system surge currents and
provides a hot-plugging mechanism for any device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com