Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2012AD Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2012AD
Description  POWER-DISTRIBUTION SWITCHES
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2012AD Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS2012AD Datasheet HTML 10Page - Texas Instruments TPS2012AD Datasheet HTML 11Page - Texas Instruments TPS2012AD Datasheet HTML 12Page - Texas Instruments TPS2012AD Datasheet HTML 13Page - Texas Instruments TPS2012AD Datasheet HTML 14Page - Texas Instruments TPS2012AD Datasheet HTML 15Page - Texas Instruments TPS2012AD Datasheet HTML 16Page - Texas Instruments TPS2012AD Datasheet HTML 17Page - Texas Instruments TPS2012AD Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
TPS2010A, TPS2011A, TPS2012A, TPS2013A
POWER-DISTRIBUTION SWITCHES
SLVS189A – DECEMBER 1998 – REVISED NOVEMBER 1999
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 22
5.5
5
0
0.5
1
6
RISE TIME
vs
LOAD CURRENT
6.5
1.5
2
IL – Load Current – A
TA = 25°C
CL = 1 µF
Figure 23
3.25
2.75
2.5
0
0.5
3.5
FALL TIME
vs
LOAD CURRENT
1
1.5
2
3
IL – Load Current – A
TA = 25°C
CL = 1 µF
Figure 24
55
45
35
–50 –25
0
25
50
65
SUPPLY CURRENT (ENABLED)
vs
JUNCTION TEMPERATURE
75
75
100
150
TJ – Junction Temperature – °C
125
VI(IN) = 3.3 V
VI(IN) = 4 V
VI(IN) = 5 V
VI(IN) = 5.5 V
VI(IN) = 2.7 V
Figure 25
1
0
–1
–50 –25
0
25
50
4
SUPPLY CURRENT (DISABLED)
vs
JUNCTION TEMPERATURE
5
75
100
150
TJ – Junction Temperature – °C
125
3
2
VI(IN) = 4 V
VI(IN) = 2.7 V
VI(IN) = 5 V
VI(IN) = 5.5 V
VI(IN) = 3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com