Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2012APWP Datasheet(PDF) 18 Page - Texas Instruments

Part # TPS2012APWP
Description  POWER-DISTRIBUTION SWITCHES
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2012APWP Datasheet(HTML) 18 Page - Texas Instruments

Back Button TPS2012APWP Datasheet HTML 14Page - Texas Instruments TPS2012APWP Datasheet HTML 15Page - Texas Instruments TPS2012APWP Datasheet HTML 16Page - Texas Instruments TPS2012APWP Datasheet HTML 17Page - Texas Instruments TPS2012APWP Datasheet HTML 18Page - Texas Instruments TPS2012APWP Datasheet HTML 19Page - Texas Instruments TPS2012APWP Datasheet HTML 20Page - Texas Instruments TPS2012APWP Datasheet HTML 21Page - Texas Instruments TPS2012APWP Datasheet HTML 22Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
TPS2010A, TPS2011A, TPS2012A, TPS2013A
POWER-DISTRIBUTION SWITCHES
SLVS189A – DECEMBER 1998 – REVISED NOVEMBER 1999
18
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
overcurrent (continued)
Three possible overload conditions can occur. In the first condition, the output has been shorted before the
device is enabled or before VI(IN) has been applied (see Figure 6). The TPS201xA senses the short and
immediately switches into a constant-current output.
In the second condition, the excessive load occurs while the device is enabled. At the instant the excessive load
occurs, very high currents may flow for a short time before the current-limit circuit can react (see Figures 12–19).
After the current-limit circuit has tripped (reached the overcurrent trip threshhold) the device switches into
constant-current mode.
In the third condition, the load has been gradually increased beyond the recommended operating current. The
current is permitted to rise until the current-limit threshold is reached or until the thermal limit of the device is
exceeded (see Figures 7–10). The TPS201xA is capable of delivering current up to the current-limit threshold
without damaging the device. Once the threshold has been reached, the device switches into its
constant-current mode.
power dissipation and junction temperature
The low on-resistance on the n-channel MOSFET allows small surface-mount packages, such as SOIC, to pass
large currents. The thermal resistances of these packages are high compared to those of power packages; it
is good design practice to check power dissipation and junction temperature. The first step is to find rDS(on) at
the input voltage and operating temperature. As an initial estimate, use the highest operating ambient
temperature of interest and read rDS(on) from Figures 30–33. Next, calculate the power dissipation using:
P
D +
r
DS(on)
I2
Finally, calculate the junction temperature:
T
J +
P
D
RqJA ) TA
Where:
TA = Ambient Temperature °C
RθJA = Thermal resistance SOIC = 172°C/W
Compare the calculated junction temperature with the initial estimate. If they do not agree within a few degrees,
repeat the calculation, using the calculated value as the new estimate. Two or three iterations are generally
sufficient to get an acceptable answer.
thermal protection
Thermal protection prevents damage to the IC when heavy-overload or short-circuit faults are present for
extended periods of time. The faults force the TPS201xA into constant current mode, which causes the voltage
across the high-side switch to increase; under short-circuit conditions, the voltage across the switch is equal
to the input voltage. The increased dissipation causes the junction temperature to rise to high levels. The
protection circuit senses the junction temperature of the switch and shuts it off. Hysteresis is built into the thermal
sense circuit, and after the device has cooled approximately 20 degrees, the switch turns back on. The switch
continues to cycle in this manner until the load fault or input power is removed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com