Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2202DB Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS2202DB
Description  DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2202DB Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS2202DB Datasheet HTML 3Page - Texas Instruments TPS2202DB Datasheet HTML 4Page - Texas Instruments TPS2202DB Datasheet HTML 5Page - Texas Instruments TPS2202DB Datasheet HTML 6Page - Texas Instruments TPS2202DB Datasheet HTML 7Page - Texas Instruments TPS2202DB Datasheet HTML 8Page - Texas Instruments TPS2202DB Datasheet HTML 9Page - Texas Instruments TPS2202DB Datasheet HTML 10Page - Texas Instruments TPS2202DB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
TPS2202, TPS2202Y
DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES
FOR SERIAL PCMCIA CONTROLLERS
SLVS103A – DECEMBER 1994 – REVISED AUGUST 1995
6–7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
LOAD CIRCUIT
CL
ton
VOLTAGE WAVEFORMS
VI(12V)
GND
50%
90%
VDD
GND
LATCH
VO(xVPP)
Vpp
LOAD CIRCUIT
CL
VCC
ton
toff
VOLTAGE WAVEFORMS
VI(5V)
GND
50%
90%
10%
VDD
GND
LATCH
VO(xVCC)
10%
toff
Figure 1. Test Circuits and Voltage Waveforms
Table of Timing Diagrams
FIGURE
Serial-Interface Timing
2
xVCC Propagation Delay and Rise Times With 1-
µF Load, 3-V Switch
3
xVCC Propagation Delay and Fall Times With 1-
µF Load, 3-V Switch
4
xVCC Propagation Delay and Rise Times With 100-
µF Load, 3-V Switch
5
xVCC Propagation Delay and Fall Times With 100-
µF Load, 3-V Switch
6
xVCC Propagation Delay and Rise Times With 1-
µF Load, 5-V Switch
7
xVCC Propagation Delay and Fall Times With 1-
µF Load, 5-V Switch
8
xVCC Propagation Delay and Rise Times With 100-
µF Load, 5-V Switch
9
xVCC Propagation Delay and Fall Times With 100-
µF Load, 5-V Switch
10
xVPP Propagation Delay and Rise Times With 1-
µF Load, 12-V Switch
11
xVPP Propagation Delay and Fall Times With 1-
µF Load, 12-V Switch
12
xVPP Propagation Delay and Rise Times With 100-
µF Load, 12-V Switch
13
xVPP Propagation Delay and Fall Times With 100-
µF Load, 12-V Switch
14
NOTE A. Data is clocked in on the a positive leading edge of the clock. The latch should occur before next positive leading edge of
the clock. For definition of D0 – D8, see control logic table.
DATA
LATCH
CLOCK
D8
D7
D6
D5
D4
D3
D2
D1
D0
Figure 2. Serial-Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com