Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2202IDBLE Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS2202IDBLE
Description  DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2202IDBLE Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS2202IDBLE Datasheet HTML 9Page - Texas Instruments TPS2202IDBLE Datasheet HTML 10Page - Texas Instruments TPS2202IDBLE Datasheet HTML 11Page - Texas Instruments TPS2202IDBLE Datasheet HTML 12Page - Texas Instruments TPS2202IDBLE Datasheet HTML 13Page - Texas Instruments TPS2202IDBLE Datasheet HTML 14Page - Texas Instruments TPS2202IDBLE Datasheet HTML 15Page - Texas Instruments TPS2202IDBLE Datasheet HTML 16Page - Texas Instruments TPS2202IDBLE Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
TPS2202, TPS2202Y
DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES
FOR SERIAL PCMCIA CONTROLLERS
SLVS103A – DECEMBER 1994 – REVISED AUGUST 1995
6–13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
3.2
3.15
3.1
3.05
0
0.1
0.2
3.25
3.3
3.35
0.3
0.4
0.6
0.7
0.5
IO(xVCC) – Output Current – A
3-V SWITCH
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
11.80
0
0.02
0.04
0.06
11.95
12
Vpp SWITCH
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
12.05
0.08
0.12
11.90
11.85
0.1
IO(xVPP) – Output Current – A
–40
°C
85
°C
125
°C
VDD = 5 V
VCC = 3.3 V
25
°C
VDD = 5 V
Vpp = 12 V
125
°C
–40
°C
25
°C
85
°C
Figure 20
Figure 21
5-V SWITCH
SHORT-CIRCUIT CURRENT
vs
JUNCTION TEMPERATURE
TJ – Junction Temperature – °CTJ – Junction Temperature – °C
12-V SWITCH
SHORT-CIRCUIT CURRENT
vs
JUNCTION TEMPERATURE
1
0.5
050
1.5
2
100
150
–50
VDD = 5 V
VCC = 5 V
200
150
100
300
250
VDD = 5 V
Vpp = 12 V
400
350
0
– 50
50
150
100
Figure 22
Figure 23
† t = pulse tested



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com