Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASL19W Datasheet(PDF) 12 Page - Advanced Semiconductor Business Inc.

Part # ASL19W
Description  DC-3000 MHz High Linearity LNA MMIC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL19W Datasheet(HTML) 12 Page - Advanced Semiconductor Business Inc.

Back Button ASL19W Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL19W Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ASL19W Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ASL19W Datasheet HTML 11Page - Advanced Semiconductor Business Inc. ASL19W Datasheet HTML 12Page - Advanced Semiconductor Business Inc. ASL19W Datasheet HTML 13Page - Advanced Semiconductor Business Inc. ASL19W Datasheet HTML 14Page - Advanced Semiconductor Business Inc. ASL19W Datasheet HTML 15Page - Advanced Semiconductor Business Inc. ASL19W Datasheet HTML 16Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
12/19
ASB Inc.
• sales@asb.co.kr • Tel: +82-42-528-7223
February 2009
ASL19W
DC-3000 MHz High Linearity LNA MMIC
1) OIP3 is measured with two tones at an output power of +10 dBm/tone
separated by 1 MHz.
Board Layout (FR4, 40x40 mm
2, 0.8T)
Schematic
S-parameters & K-factor
APPLICATION CIRCUIT
Frequency (MHz)
1920~1980
2110~2170
Magnitude S21 (dB)
13.5
13
Magnitude S11 (dB)
-18
-18
Magnitude S22 (dB)
-15
-14
Output P1dB (dBm)
22
22
Output IP3
1) (dBm)
37
37
Noise Figure (dB)
0.9
0.9
Supply Voltage (V)
5
5
Current (mA)
73
73
Low Noise
WCDMA
1920 ~ 2170
+5 V
0
500
1000
1500
2000
2500
3000
3500
0
1
2
3
4
5
Frequency (MHz)
0
500
1000
1500
2000
2500
3000
3500
0
5
10
15
20
25
30
Frequency (MHz)
-40
oc
25
oc
85
oc
0
500
1000
1500
2000
2500
3000
3500
-25
-20
-15
-10
-5
0
Frequency (MHz)
-40
oc
25
oc
85
oc
0
500
1000
1500
2000
2500
3000
3500
-25
-20
-15
-10
-5
0
Frequency (MHz)
-40
oc
25
oc
85
oc
Note: A shunt RB is a bias resistor requisite to
operate ASL19W properly, while RD as a
voltage drop resistor is added to apply 4.4 V
to the device. A user can easily REDUCE an
operating current by choosing different RB
values with minimized loss only in OIP3 and
P1dB.
C1=100 pF
L1=39 nH
C3=100 pF
Vcc=5 V
RF IN
RF OUT
C4=100 pF
C5=10 nF
ASL19W
D1=5.6V
Zener Diode
L2=39 nH
C2=1.2
pF
3.5 mm
R =6.2
k
B
D
R =8.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com