Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD136 Datasheet(PDF) 2 Page - Motorola, Inc

Part # BD136
Description  Plastic Medium Power Silicon PNP Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BD136 Datasheet(HTML) 2 Page - Motorola, Inc

  BD136 Datasheet HTML 1Page - Motorola, Inc BD136 Datasheet HTML 2Page - Motorola, Inc BD136 Datasheet HTML 3Page - Motorola, Inc BD136 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BD136 BD138 BD140 BD140-10
2
Motorola Bipolar Power Transistor Device Data
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Type
Min
Max
Unit
Collector–Emitter Sustaining Voltage*
(IC = 0.03 Adc, IB = 0)
BVCEO
BD 136
BD 138
BD 140
45
60
80
—
—
—
Vdc
Collector Cutoff Current
(VCB = 30 Vdc, IE = 0)
(VCB = 30 Vdc, IE = 0, TC = 125 _C)
ICBO
—
—
0.1
10
µAdc
Emitter Cutoff Current
(VBE = 5.0 Vdc, IC = 0)
IEBO
—
10
µAdc
DC Current Gain
(IC = 0.005 A, VCE = 2 V)
ALL
(IC = 0.15 A, VCE = 2 V)
ALL
BD140–10
(IC = 0.5 A, VCE = 2 V)
hFE*
25
40
63
25
—
250
160
—
—
Collector–Emitter Saturation Voltage*
(IC = 0.5 Adc, IB = 0.05 Adc)
VCE(sat)*
—
0.5
Vdc
Base–Emitter On Voltage*
(IC = 0.5 Adc, VCE = 2.0 Vdc)
VBE(on)*
—
1
Vdc
* Pulse Test: Pulse Width
x 300 µs, Duty Cycle x 2.0%.
BD136
BD138
BD140
TJ = 125°C
dc
5 ms
0.5 ms
0.1 ms
10
1
Figure 1. Active–Region Safe Operating Area
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
5.0
2.0
1.0
0.5
0.01
2
5
10
20
80
50
0.1
0.05
0.02
0.2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com