Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2811D Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2811D
Description  DUAL HIGH-SPEED MOSFET DRIVERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2811D Datasheet(HTML) 3 Page - Texas Instruments

  TPS2811D Datasheet HTML 1Page - Texas Instruments TPS2811D Datasheet HTML 2Page - Texas Instruments TPS2811D Datasheet HTML 3Page - Texas Instruments TPS2811D Datasheet HTML 4Page - Texas Instruments TPS2811D Datasheet HTML 5Page - Texas Instruments TPS2811D Datasheet HTML 6Page - Texas Instruments TPS2811D Datasheet HTML 7Page - Texas Instruments TPS2811D Datasheet HTML 8Page - Texas Instruments TPS2811D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
TPS2811, TPS2812, TPS2813, TPS2814, TPS2815
DUAL HIGH-SPEED MOSFET DRIVERS
SLVS132D – NOVEMBER 1995 – REVISED NOVEMBER 1997
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TPS28xxY chip information
This chip, when properly assembled, displays characteristics similar to those of the TPS28xx. Thermal
compression or ultrasonic bonding may be used on the doped aluminum bonding pads. The chip may be
mounted with conductive epoxy or a gold-silicon preform.
57
BONDING PAD ASSIGNMENTS
CHIP THICKNESS: 15 MILS TYPICAL
BONDING PADS: 4
× 4 MILS MINIMUM
TJmax OPERATING TEMPERATURE = 150°C
TOLERANCES ARE
±10%.
ALL DIMENSIONS ARE IN MILS.
(7)
(6)
(1)
(5)
(2)
(3)
GND
1OUT
VCC
REG_IN
1IN
TPS2811Y
TPS2812Y
TPS2813Y
REG_OUT
(8)
(4)
2IN
47
(1)
(8)
(7)
(2)
(3)
(4)
(5)
(6)
2OUT
(6)
(5)
(1)
(4)
(2)
(8)
GND
1OUT
VCC
1IN1
1IN2
TPS2814Y
(7)
(3)
2IN1
2OUT
2IN2
(6)
(5)
(1)
(4)
(2)
(8)
GND
1OUT
VCC
1IN1
1IN2
TPS2815Y
(7)
(3)
2IN1
2OUT
2IN2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com