Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

US8KB80R Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # US8KB80R
Description  Silicon Bridge Diodes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

US8KB80R Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  US8KB80R Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd US8KB80R Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd US8KB80R Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd US8KB80R Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd US8KB80R Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd US8KB80R Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Bridge diodes are being required to take up less space accompanying the reduced size of electronic
equipment. In order to respond to these needs, Shindengen has developed a new package in offering a
complete lineup of bridge diodes that can be used in a wide range of power supply environments.
SILICON BRIDGE DIODES
USKB SERIES
●
Rectified forward current : 4A
(US4KB80R), 6A(US6KB80R), 8A(US8KB80R),
(with heat sink)
10A
(US10KB80R), 15A(US15KB80R), 30A(US30KB80R)
●
Large current capacity of 30A with compact package
●
High IFSM and High Voltage
●
UL approved Bridge Rectifier Diodes, registered in file number E142422
●
High-density mounting for improved space efficiency through the use of SIP
(Single In-Line Package)
Features
Summary
Application
TV, Monitor, Switching power supply, PC, Audio, Printer
UL File No. E142422
CAT.No.TJ 536


Similar Part No. - US8KB80R

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
US8K YFWDIODE-US8K Datasheet
476Kb / 3P
Surface Mount Ultrafast Recovery Rectifier
More results

Similar Description - US8KB80R

ManufacturerPart #DatasheetDescription
logo
Sanken electric
RBV-1306 SANKEN-RBV-1306 Datasheet
24Kb / 2P
Bridge Diodes
RBV-401 SANKEN-RBV-401 Datasheet
25Kb / 2P
Bridge Diodes
RBV-601 SANKEN-RBV-601 Datasheet
23Kb / 2P
Bridge Diodes
logo
Tyco Electronics
MA4E2099 MACOM-MA4E2099 Datasheet
96Kb / 3P
High Barrier Silicon Schottky Diodes: Bridge Octoquad
logo
Shindengen Electric Mfg...
USKB SHINDENGEN-USKB Datasheet
1Mb / 6P
SILICON BRIDGE DIODES
logo
M/A-COM Technology Solu...
MA4E2099-1284 MA-COM-MA4E2099-1284 Datasheet
108Kb / 3P
High Barrier Silicon Schottky Diodes: Bridge Octoquad
logo
Diotec Semiconductor
PST1600A DIOTEC-PST1600A_10 Datasheet
121Kb / 2P
Silicon Rectifier Diodes - Half Bridge
S16ASD2 DIOTEC-S16ASD2 Datasheet
116Kb / 2P
Surface Mount Silicon Rectifier Diodes - Half Bridge
PST1600A DIOTEC-PST1600A_13 Datasheet
122Kb / 2P
Silicon Rectifier Diodes . Half Bridge
PST1600A DIOTEC-PST1600A_15 Datasheet
122Kb / 2P
Silicon Rectifier Diodes - Half Bridge
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com