Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SE5167 Datasheet(PDF) 2 Page - Seaward Electronics Inc.

Part # SE5167
Description  300mA CMOS LDO Voltage Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEAWARD [Seaward Electronics Inc.]
Direct Link  http://www.seawardinc.com
Logo SEAWARD - Seaward Electronics Inc.

SE5167 Datasheet(HTML) 2 Page - Seaward Electronics Inc.

  SE5167 Datasheet HTML 1Page - Seaward Electronics Inc. SE5167 Datasheet HTML 2Page - Seaward Electronics Inc. SE5167 Datasheet HTML 3Page - Seaward Electronics Inc. SE5167 Datasheet HTML 4Page - Seaward Electronics Inc. SE5167 Datasheet HTML 5Page - Seaward Electronics Inc. SE5167 Datasheet HTML 6Page - Seaward Electronics Inc. SE5167 Datasheet HTML 7Page - Seaward Electronics Inc. SE5167 Datasheet HTML 8Page - Seaward Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Revision 12/5/2008
Preliminary and all contents are subject to change without prior notice.
© Seaward Electronics, Inc., 2006. • www.seawardinc.com.cn • Page 2
Ordering/Marking Information (Continued)
Package
Ordering Information
Marking Information
3.3V
SE5167ALN-LF
167AN_
2.8V
SE5167BLN-LF
167BN_
2.5V
SE5167CLN-LF
167CN_
1.8V
SE5167DLN-LF
167DN_
1.5V
SE5167ELN-LF
167EN_
3.0V
SE5167FLN-LF
167FN_
3.3V
SE5167ALG-LF
167AG_
2.8V
SE5167BLG-LF
167BG_
2.5V
SE5167CLG-LF
167CG_
1.8V
SE5167DLG-LF
167DG_
1.5V
SE5167ELG-LF
167EG_
3.0V
SE5167FLG-LF
167FG_
Starting with 1, a bar on top of 1 is
for production year 2001, and
underlined 1 is for year 2002. The
next character is marked on top for
2003, and underlined for 2004. The
naming pattern continues with
consecutive characters for later
years.
The last character is the week
code. (
A-Z: 1-26, a-z: 27-52)
A dot on top right corner is for
lead-free process.
LF: lead free.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com