Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PO3VT3306ATR Datasheet(PDF) 3 Page - Potato Semiconductor Corporation

Part # PO3VT3306ATR
Description  High-Bandwidth, Hot-Insertion, 2-Bit, 2-Port, Low Voltage Translator Bus Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTATO [Potato Semiconductor Corporation]
Direct Link  http://www.potatosemi.com
Logo POTATO - Potato Semiconductor Corporation

PO3VT3306ATR Datasheet(HTML) 3 Page - Potato Semiconductor Corporation

  PO3VT3306ATR Datasheet HTML 1Page - Potato Semiconductor Corporation PO3VT3306ATR Datasheet HTML 2Page - Potato Semiconductor Corporation PO3VT3306ATR Datasheet HTML 3Page - Potato Semiconductor Corporation PO3VT3306ATR Datasheet HTML 4Page - Potato Semiconductor Corporation PO3VT3306ATR Datasheet HTML 5Page - Potato Semiconductor Corporation PO3VT3306ATR Datasheet HTML 6Page - Potato Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Power Supply Characteristics
Symbol
Description
Test Conditions (1)
Min
Typ
Max
Unit
Icc
Quiescent Power Supply Current
Vcc=Max, Vin=Vcc or GND
-
0.1
3
uA
Notes:
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at Vcc = 3.3V, 25
°C ambient.
3. This parameter is guaranteed but not tested.
4. Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
5. VoH = Vcc – 0.6V at rated current
Capacitance
Copyright © Potato Semiconductor Corporation
3
(TA = 25°C f = 1 MHz)
Switching Characteristics over 3.3V Operating Range
Parameters
Description
Conditions
Units
Max.
tPLH
tPHL
See Test Diagram
0.3
ns
tPZH
tPZL
See Test Diagram
2.0
tPHZ
tPLZ
3.0
Dynamic Electrical Characteristics Over the Operating Range
(TA = -40º to +85º, VCC = 3.3V ± 10%)
Parameter
Description
Test Condition
Typ.
Units
XTALK
Crosstalk
RL = 50Ω
-60
dB
OIRR
Off-Isolation
RL = 50Ω
-60
BW
-3dB Bandwidth
RL = 50Ω
1.15
GHz
Parameters
s
n
o
i
t
i
d
n
o
C
t
s
e
T
n
o
i
t
p
i
r
c
s
e
D
Typ.
Units
CIN
V
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
I
IN
F
p
0
.
3
V
0
=
COFF
A/B Capacitance, Switch Off
VIN
F
p
F
p
7
.
3
7.4
V
0
=
CON
A/B Capacitance, Switch On
VIN=0V
Propogation Delay
Bus Enable Time
Bus Disable Time
02/04/08
High-Bandwidth, Hot-Insertion, 2-Bit, 2-Port,
Low Voltage Translator Bus Switch
PO3VT3306A
High Bandwidth Potato Chip



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com