Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS5211 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS5211
Description  HIGH FREQUENCY PROGRAMMABLE HYSTERETIC REGULATOR CONTROLLER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS5211 Datasheet(HTML) 1 Page - Texas Instruments

  TPS5211 Datasheet HTML 1Page - Texas Instruments TPS5211 Datasheet HTML 2Page - Texas Instruments TPS5211 Datasheet HTML 3Page - Texas Instruments TPS5211 Datasheet HTML 4Page - Texas Instruments TPS5211 Datasheet HTML 5Page - Texas Instruments TPS5211 Datasheet HTML 6Page - Texas Instruments TPS5211 Datasheet HTML 7Page - Texas Instruments TPS5211 Datasheet HTML 8Page - Texas Instruments TPS5211 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
TPS5211
HIGH FREQUENCY PROGRAMMABLE HYSTERETIC
REGULATOR CONTROLLER
SLVS243 – SEPTEMBER 1999
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D 700 KHz Operation
D 1.25 MHz Operation With External Driver
D 1.5% Reference Over Full Operating
Temperature Range
D Synchronous Rectifier Driver for Greater
Than 90% Efficiency
D Programmable Reference Voltage Range of
1.3 V to 3.5 V
D User–Selectable Hysteretic Type Control
D Droop Compensation for Improved Load
Transient Regulation
D Adjustable Overcurrent Protection
D Programmable Softstart
D Overvoltage Protection
D Active Deadtime Control
D Power Good Output
D Internal Bootstrap Schottky Diode
D Low Supply Current . . . 3-mA Typ
D Reduced System Component Count and
Size
description
The TPS5211 is a hysteretic regulator controller which provides an accurate, programmable supply voltage to
microprocessors. An internal 5-bit DAC is used to program the reference voltage to within a range of 1.3 V to
3.5 V. The output voltage can be set to equal the reference voltage or some multiple of the reference voltage.
A hysteretic controller with user-selectable hysteresis and programmable droop compensation is used to
dramatically reduce overshoot and undershoot caused by load transients. Propagation delay from the
comparator inputs to the output drivers is less than 250 ns. Overcurrent shutdown and crossover protection for
the output drivers combine to eliminate destructive faults in the output FETs. The softstart current source is
proportional to the reference voltage, thereby eliminating variation of the softstart timing when changes are
made to the output voltage. PWRGD monitors the output voltage and pulls the open-collector output low when
the output drops 7% below the nominal output voltage. An overvoltage circuit disables the output drivers if the
output voltage rises 15% above the nominal value. The inhibit pin can be used to control power sequencing.
Inhibit and undervoltage lockout assures the 12-V supply voltage and system supply voltage (5 V or 3.3 V) is
within proper operating limits before the controller starts. Single-supply (12 V) operation is easily accomplished
using a low-current divider for the required 5-V signals. The output driver circuits include 2-A drivers with internal
8-V gate-voltage regulators. The high-side driver can be configured either as a ground-referenced driver or as
a floating bootstrap driver. The TPS5211 is available in a 28-pin TSSOP PowerPAD
™ package. It operates over
a junction temperature range of 0
°C to 125°C.
AVAILABLE OPTIONS
PACKAGE
TJ
TSSOP
(PWP)
0
°C to 125°C
TPS5211PWPR
Copyright
© 1999, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
IOUT
DROOP
OCP
VHYST
VREFB
VSENSE
ANAGND
SLOWST
BIAS
LODRV
LOHIB
DRVGND
LOWDR
DRV
PWRGD
VID0
VID1
VID2
VID3
VID4
INHIBIT
IOUTLO
LOSENSE
HISENSE
BOOTLO
HIGHDR
BOOT
VCC
PWP PACKAGE
(TOP VIEW)


Similar Part No. - TPS5211

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5210 TI-TPS5210 Datasheet
417Kb / 29P
PROGRAMMABLE SYNCHRONOUS-BUCK REGULATOR CONTROLLER
TPS5210 TI1-TPS5210 Datasheet
748Kb / 31P
PROGRAMMABLE SYNCHRONOUS-BUCK REGULATOR CONTROLLER
TPS5210DW TI-TPS5210DW Datasheet
417Kb / 29P
PROGRAMMABLE SYNCHRONOUS-BUCK REGULATOR CONTROLLER
TPS5210PWP TI-TPS5210PWP Datasheet
417Kb / 29P
PROGRAMMABLE SYNCHRONOUS-BUCK REGULATOR CONTROLLER
TPS5210PWP TI1-TPS5210PWP Datasheet
748Kb / 31P
PROGRAMMABLE SYNCHRONOUS-BUCK REGULATOR CONTROLLER
More results

Similar Description - TPS5211

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5615 TI-TPS5615 Datasheet
387Kb / 25P
SYNCHRONOUS-BUCK HYSTERETIC REGULATOR CONTROLLER
logo
Semtech Corporation
SC1154 SEMTECH-SC1154 Datasheet
164Kb / 18P
PROGRAMMABLE SYNCHRONOUS DC/DC HYSTERETIC CONTROLLER FOR ADVANCED PROCESSORS
logo
Texas Instruments
TPS5618EVM-106 TI-TPS5618EVM-106 Datasheet
390Kb / 10P
SYNCHRONOUS-BUCK HYSTERETIC REGULATOR CONTROLLER
logo
Vishay Siliconix
SI9166 VISHAY-SI9166 Datasheet
217Kb / 8P
High Frequency Programmable Topology Controller
05-Apr-99
logo
Linear Technology
LT3844 LINER-LT3844 Datasheet
250Kb / 24P
High Voltage, Current Mode Switching Regulator Controller with Programmable Operating Frequency
logo
Vishay Siliconix
SI9166 VISHAY-SI9166_04 Datasheet
146Kb / 11P
High Frequency Programmable Topology Controller
19-Apr-04
logo
Micrel Semiconductor
MIC3205 MICREL-MIC3205 Datasheet
1,022Kb / 23P
High-Brightness LED Driver Controller with Fixed-Frequency Hysteretic Control
logo
Linear Technology
LT3844EFE LINER-LT3844EFE Datasheet
205Kb / 24P
High Voltage, Current Mode Switching Regulator Controller with Programmable Operating Frequency
LT3844 LINER-LT3844_15 Datasheet
231Kb / 24P
High Voltage, Current Mode Switching Regulator Controller with Programmable Operating Frequency
logo
Vishay Siliconix
SI9166 VISHAY-SI9166_V01 Datasheet
179Kb / 11P
High Frequency Programmable Topology Controller
19-Apr-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com