Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDCD03018 Datasheet(PDF) 3 Page - Premier Magnetics, Inc.

Part # PDCD03018
Description  3.0 WATT 2:1WIDE INPUT RANGE DC/DC POWER MODULES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMI [Premier Magnetics, Inc.]
Direct Link  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

PDCD03018 Datasheet(HTML) 3 Page - Premier Magnetics, Inc.

  PDCD03018 Datasheet HTML 1Page - Premier Magnetics, Inc. PDCD03018 Datasheet HTML 2Page - Premier Magnetics, Inc. PDCD03018 Datasheet HTML 3Page - Premier Magnetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630
• TEL: (949) 452-0511 • FAX: (949) 452-0512 • http://www.premiermag.com
Specifications subject to change without notice.
3
PDCx0300x
12/00
3.0 WATT 2:1WIDE INPUT RANGE
DC/DC POWER MODULES
(Rectangle Package)
.60
(15.24)
1.25
(31.8)
.80
(20.3)
.08
(2.0)
.10
(2.5)
.50
(10.2)
.15
(3.8)
1 2 3
10 11 12
24 23 22
15 14 13
PDC03017-03020
ELECTRICAL SPECIFICATIONS AT 25OC - OPERATING TEMPERATURE RANGE
-25OC TO +75OC
PART
NUMBER
OUTPUT
VOLTAGE
(Vdc)
INPUT
CURRENT
NO LOAD
FULL LOAD
mA
mA
INPUT VOLTAGE
NOMINAL
RANGE
TYPICAL
EFFICIENCY
PDCS03017
5
4.5-6.0
3.3
600
15
600
70 %
PDCS03018
5
4.5-6.0
5
600
15
850
70 %
PDCS03019
5
4.5-6.0
12
250
15
800
75 %
PDCS03020
5
4.5-6.0
15
200
15
800
75 %
PDCD03018
5
4.5-6.0
±5
±300
25
850
70 %
PDCD03019
5
4.5-6.0
±12
±125
25
800
75 %
PDCD03020
5
4.5-6.0
±15
±100
25
800
75 %
OUTPUT
CURRENT
(mAdc)
NOTE:
PDCx030xx_ : BLANK FOR STANDARD PART WITH ISOLATION = 500VDC
P
M
PDCx03xxxx
YYWW
PIN
#
SINGLE
OUTPUT
1
+ INPUT
+INPUT
2
NC
+INPUT
3
NC
NC
10
NC
NC
11
- OUTPUT COMMON
12
- OUTPUT COMMON
13
NC
- OUTPUT
14
+ OUTPUT NC
15
+ OUTPUT + OUTPUT
22
NC
NC
23
- INPUT
- INPUT
24
- INPUT
- INPUT
DUAL
OUTPUTS
500VDC
NC* - NO CONNECTION WITH PIN



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com