Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM-FS10 Datasheet(PDF) 2 Page - Premier Magnetics, Inc.

Part # PM-FS10
Description  SIGNAL LINE FILTERS COMMON MODE CHOKES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMI [Premier Magnetics, Inc.]
Direct Link  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

PM-FS10 Datasheet(HTML) 2 Page - Premier Magnetics, Inc.

  PM-FS10 Datasheet HTML 1Page - Premier Magnetics, Inc. PM-FS10 Datasheet HTML 2Page - Premier Magnetics, Inc. PM-FS10 Datasheet HTML 3Page - Premier Magnetics, Inc. PM-FS10 Datasheet HTML 4Page - Premier Magnetics, Inc. PM-FS10 Datasheet HTML 5Page - Premier Magnetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630
• TEL: (949) 452-0511 • FAX: (949) 452-0512 • http://www.premiermag.com
Specifications subject to change without notice.
2
pmsf 09/00
SIGNAL LINE FILTERS
COMMON MODE CHOKES
M
P
Premier
Magnetics Inc.
"INNOVATORS IN MAGNETICS TECHNOLOGY"
SCHEMATIC "A"
SCHEMATIC "A"
.100
(2.54)
.675
(17.14)
MAX
.020
(0.51)
.120
(3.05)
MIN
.250
(6.35)
MAX
.400
(12.70)
MAX
.300
(7.62)
DIA
.500
(12.70)
PIN#1
DOT
8
12
15
11
9
4
2
3
10
7
6
1.000
(25.40)
MAX
.100
(2.54)
.120
(3.05)
MIN
.250
(6.35)
MAX
.700
(17.78)
.020
(0.51)
.400
(12.70)
MAX
.300
(7.62)
DIA
PIN#1
DOT
9
12
16
15
7
15
13
10
4
28
3
14
11
6
PACKAGE "2"
PACKAGE "3"
SCHEMATIC "A"
.400
(10.16)
MAX
.500
(12.70)
MAX
.250
(6.35)
MAX
.020
(.51)
TYP
.020
(.51) DIA
.300
(7.62)
.120
(3.05)
MIN
.100
(2.54)
.300
(7.62)
PIN#1
DOT
8
1
7
5
4
2
3
6
PACKAGE "1"
SCHEMATIC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com